Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XIO2000 Datasheet(PDF) 19 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 19 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 15Page - Texas Instruments XIO2000 Datasheet HTML 16Page - Texas Instruments XIO2000 Datasheet HTML 17Page - Texas Instruments XIO2000 Datasheet HTML 18Page - Texas Instruments XIO2000 Datasheet HTML 19Page - Texas Instruments XIO2000 Datasheet HTML 20Page - Texas Instruments XIO2000 Datasheet HTML 21Page - Texas Instruments XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 150 page
background image
Introduction
7
November 2005
SCPS097B
Table 2−2. XIO2000 Signal Names Sorted Alphabetically
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
AD0
A07
CLKRUN_EN
B15
RSVD
N15
AD1
B07
DEVSEL
F01
RSVD
N16
AD2
C07
EXT_ARB_EN
A15
RSVD
P16
AD3
D07
FRAME
G01
RSVD
P17
AD4
A06
GNT0
A08
RSVD
R08
AD5
B06
GNT1
A09
RSVD
R09
AD6
A05
GNT2
A10
RSVD
R16
AD7
B05
GNT3
C11
RSVD
T08
AD8
C04
GNT4
C12
RSVD
T09
AD9
A03
GNT5
A14
RSVD
T10
AD10
B03
GPIO0 // CLKRUN
T05
RSVD
T11
AD11
A02
GPIO1 // PWR_OVRD
U05
RSVD
T12
AD12
B01
GPIO2
T06
RSVD
T14
AD13
C02
GPIO3
U06
RSVD
T15
AD14
C01
GPIO4 // SCL
R07
RSVD
T17
AD15
D02
GPIO5 // SDA
T07
RSVD
U09
AD16
H03
GPIO6
U07
RSVD
U10
AD17
H02
GPIO7
U08
RSVD
U11
AD18
J03
GRST
N17
RSVD
U12
AD19
J02
INTA
R02
RSVD
U13
AD20
K01
INTB
T01
RSVD
U14
AD21
K02
INTC
U02
RSVD
U15
AD22
K03
INTD
T03
RSVD
U16
AD23
L01
IRDY
G02
RXN
E16
AD24
L03
LOCK
U04
RXP
E17
AD25
L04
M66EN
R01
SERIRQ
T04
AD26
M01
PAR
E02
SERR
E01
AD27
M02
PERR
F03
STOP
F02
AD28
N01
PERST
J17
TRDY
G03
AD29
N02
PME
M15
TXN
H16
AD30
P01
PRST
U03
TXP
H17
AD31
P02
REF0_PCIE
L16
VCCP
A04
C/BE[0]
B04
REF1_PCIE
L17
VCCP
J01
C/BE[1]
D01
REFCLK−
C16
VDD_15
D09
C/BE[2]
H01
REFCLK_SEL
A16
VDD_15
H14
C/BE[3]
L02
REFCLK+
C17
VDD_15
J04
CLK
P03
REQ0
B08
VDD_15
P07
CLKOUT0
C08
REQ1
C09
VDD_15
P15
CLKOUT1
B09
REQ2
C10
VDD_15_COMB
M17
CLKOUT2
B10
REQ3
B11
VDD_33
C06
CLKOUT3
A11
REQ4
B12
VDD_33
C13
CLKOUT4
A12
REQ5
B13
VDD_33
D10
CLKOUT5
A13
RSVD
D16
VDD_33
E03
CLKOUT6
B14
RSVD
D17
VDD_33
H04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com