Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC4215IGN Datasheet HTML 1Page - Linear Technology LTC4215IGN Datasheet HTML 2Page - Linear Technology LTC4215IGN Datasheet HTML 3Page - Linear Technology LTC4215IGN Datasheet HTML 4Page - Linear Technology LTC4215IGN Datasheet HTML 5Page - Linear Technology LTC4215IGN Datasheet HTML 6Page - Linear Technology LTC4215IGN Datasheet HTML 7Page - Linear Technology LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4215/LTC4215-2
4
4215fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Comparator Inputs
VON(TH)
ON Pin Threshold Voltage
VON Rising
l
1.210
1.235
1.26
V
ΔVON(HYST)
ON Pin Hysteresis
l
60
128
180
mV
ION(IN)
ON Pin Input Current
VON = 1.2V
l
0
±1
μA
VEN(TH)
EN Input Threshold
VEN = Rising
l
1.215
1.235
1.255
V
ΔVEN(HYST)
EN Hysteresis
l
50
128
200
mV
IEN
EN Pin Input Current
EN = 3.5V
l
0
±1
μA
VOV(TH)
OV Pin Threshold Voltage
VOV Rising
l
1.215
1.235
1.255
V
ΔVOV(HYST)
OV Pin Hysteresis
l
10
30
40
mV
IOV(IN)
OV Pin Input Current
VOV = 1.8V
l
0
±1
μA
VUV(TH)
UV Pin Threshold Voltage
VUV Rising
l
1.215
1.235
1.255
V
ΔVUV(HYST)
UV Pin Hysteresis
l
60
80
100
mV
IUV(IN)
UV Pin Input Current
VUV = 1.8V
l
0
±1
μA
VUV(RTH)
UV Pin Reset Threshold Voltage
VUV Falling
l
0.33
0.4
0.47
V
ΔVUV(RHYST)
UV Pin Reset Threshold Hysteresis
l
60
125
210
mV
VFB
Foldback Pin Power Good Threshold
FB Rising
l
1.215
1.235
1.255
V
ΔVFB(HYST)
FB Pin Power Good Hysteresis
l
38
15
mV
IFB
Foldback Pin Input Current
FB = 1.8V
l
0
±1
μA
VGPIO(TH)
GPIO Pin Input Threshold
VGPIO Rising
l
0.8
1
1.2
V
Other Pin Functions
VGPIO(OL)
GPIO Pin Output Low Voltage
IGPIO = 5mA
l
0.25
0.5
V
IGPIO(OH)
GPIO Pin Input Leakage Current
VGPIO = 15V
l
0
±1
μA
ISOURCE
SOURCE Pin Input Current
SOURCE = 15V
l
40
80
120
μA
tP(GATE)
Input (ON, OV, UV, EN) to GATE Off
Propagation Delay
l
35
μs
tD(GATE)
Turn-On Delay
ON
UV, OV, EN
Overcurrent Auto-Retry
l
l
l
50
2.5
1
100
5
2
150
75
μs
ms
s
VTIMERL(TH)
Timer Low Threshold
l
0.17
0.2
0.23
V
VTIMERH(TH)
Timer High Threshold
l
1.2
1.235
1.26
V
ITIMER(UP)
TIMER Pin Pull-Up Current
l
–80
–100
–120
μA
ITIMER(DOWN)
TIMER Pin Pulldown Current for OC Auto-Retry
l
1.4
2
2.6
μA
ITIMER(UP/DOWN) TIMER Current Up/Down Ratio
l
40
50
60
ISS
Soft-Start Ramp Pull-Up Current
Ramping
Waiting for GATE to Slew
l
l
–7.5
–0.4
–10
–0.7
–12.5
–1.0
μA
μA
ADC
RES
Resolution (No Missing Codes)
l
8
Bits
INL
Integral Nonlinearity
VDD – SENSE (Note 5)
SOURCE
ADIN
l
l
l
–2
–1.25
–1.25
0.5
0.2
0.2
2
1.25
1.25
LSB
LSB
LSB
VOS
Offset Error (Note 4)
VDD – SENSE
SOURCE
ADIN
l
l
l
±2.0
±1.0
±1.0
LSB
LSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com