Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4215IGN Datasheet HTML 7Page - Linear Technology LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology LTC4215IGN Datasheet HTML 10Page - Linear Technology LTC4215IGN Datasheet HTML 11Page - Linear Technology LTC4215IGN Datasheet HTML 12Page - Linear Technology LTC4215IGN Datasheet HTML 13Page - Linear Technology LTC4215IGN Datasheet HTML 14Page - Linear Technology LTC4215IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC4215/LTC4215-2
11
4215fe
The LTC4215 is designed to turn a board’s supply voltage
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live backplane. During
normal operation, the charge pump and gate driver turn
on an external N-channel MOSFET’s gate to pass power
to the load. The gate driver uses a charge pump that
derives its power from the VDD pin. Also included in the
gate driver is an internal 6.5V GATE-to-SOURCE clamp.
During start-up the inrush current is tightly controlled by
using current limit foldback, soft start dI/dt limiting and
output dV/dt limiting.
The current sense (CS) amplifier monitors the load current
using the difference between the SENSE+ (VDD for SSOP)
and SENSE– pin voltages. The CS amplifier limits the cur-
rent in the load by pulling back on the GATE-to-SOURCE
voltage in an active control loop when the sense voltage
exceeds the commanded value. The CS amplifier requires
20μA input bias current from both the SENSE+ and the
SENSE– pins.
A short circuit on the output to ground results in excessive
power dissipation during active current limiting. To limit
this power, the CS amplifier regulates the voltage between
the SENSE+ and SENSE– pins at 75mV.
If an overcurrent condition persists, the internal circuit
breaker (CB) registers a fault when the sense voltage ex-
ceeds 25mV for more than 20μs in the case of the LTC4215
or 420μs in the case of the LTC4215-2. This indicates to
the logic that it is time to turn off the GATE to prevent
overheating. At this point the start-up TIMER pin voltage
ramps down using the 2μA current source until the volt-
age drops below 0.2V (comparator TM1) which tells the
logic that the pass transistor has cooled and it is safe to
turn it on again if overcurrent auto-retry is enabled. If the
TIMER pin is tied to INTVCC, the cool-down time defaults
to 5 seconds on an internal system timer in the logic.
The output voltage is monitored using the FB pin and the
Power Good (PG) comparator to determine if the power
is available for the load. The power good condition can be
signaled by the GPIO pin using an open-drain pulldown
transistor. The GPIO pin may also be configured to signal
power bad, or as a general purpose input (GP comparator),
or a general purpose open drain output.
The Functional Diagram shows the monitoring blocks of
the LTC4215. The group of comparators on the left side
includes the undervoltage (UV), overvoltage (OV), reset
(RST), enable (EN) and signal on (ON) comparators. These
comparators determine if the external conditions are valid
prior to turning on the GATE. But first the two undervoltage
lockout circuits, UVLO1 and UVLO2, validate the input
supply and the internally generated 3.1V supply, INTVCC.
UVLO2 also generates the power-up initialization to the
logic circuits as INTVCC crosses this rising threshold. If the
fixed internal overvoltage comparator, OV2, detects that
VDD is greater than 15.6V, the part immediately generates
an overvoltage fault and turns the GATE off.
Included in the LTC4215 is an 8-bit A/D converter. The con-
verter has a 3-input multiplexer to select between the ADIN
pin, the SOURCE pin and the VDD – SENSE voltage.
An I2C interface is provided to read the A/D registers. It
also allows the host to poll the device and determine if
faults have occurred. If the ALERT line is configured as an
interrupt, the host is enabled to respond to faults in real
time. The typical SDA line is divided into an SDAI (input)
and SDAO (output). This simplifies applications using an
optoisolator driven directly from the SDAO output. An ap-
plication which uses optoisolation is shown in Figure 14.
The I2C device address is decoded using the ADR0, ADR1
and ADR2 pins. These inputs have three states each that
decode into a total of 27 device addresses. ADR1 and
ADR2 are not available in the SSOP package; therefore,
those pins are NC in the address map.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com