Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology LTC4215IGN Datasheet HTML 10Page - Linear Technology LTC4215IGN Datasheet HTML 11Page - Linear Technology LTC4215IGN Datasheet HTML 12Page - Linear Technology LTC4215IGN Datasheet HTML 13Page - Linear Technology LTC4215IGN Datasheet HTML 14Page - Linear Technology LTC4215IGN Datasheet HTML 15Page - Linear Technology LTC4215IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC4215/LTC4215-2
12
4215fe
APPLICATIONS INFORMATION
A typical LTC4215 application is in a high availability system
in which a positive voltage supply is distributed to power
individual cards. The device measures card voltages and
currents and records past and present fault conditions.
The system queries each LTC4215 over the I2C periodically
and reads status and measurement information.
A basic LTC4215 application circuit is shown in Figure 1.
The following sections cover turn-on, turn-off and various
faults that the LTC4215 detects and acts upon. External
component selection is discussed in detail in the Design
Example section.
Turn-On Sequence
The power supply on a board is controlled by using an
external N-channel pass transistor (Q1) placed in the power
path. Note that resistor RS provides current detection. Re-
sistors R1, R2 and R3 define undervoltage and overvoltage
levels. R5 prevents high frequency oscillations in Q1 and
R6 and C1 form an optional network that may be used to
provide an output dV/dt limited start-up.
Several conditions must be present before the external
MOSFET turns on. First the external supply, VDD, must
exceed its 2.84V undervoltage lockout level. Next the
internally generated supply, INTVCC, must cross its 2.64V
undervoltage threshold. This generates a 60μs to 120μs
power-on-reset pulse. During reset the fault registers are
cleared and the control registers are set or cleared as
described in the register section.
After a power-on-reset pulse, the LTC4215 goes through
the following turn-on sequence. First the UV and OV pins
indicate that input power is within the acceptable range,
which is indicated by bits C0-C1 in Table 4. Second, the EN
pin is externally pulled low. Finally, all of these conditions
must be satisfied for the duration of 100ms to ensure that
any contact bounce during insertion has ended.
When these initial conditions are satisfied, the ON pin is
checked and it’s state written to bit A3 in Table 2. If it is
high, the external MOSFET is turned on. If the ON pin is
low, the external MOSFET is turned on when the ON pin is
brought high or if a serial bus turn-on command is sent
by setting bit A3.
The MOSFET is turned on by charging up the GATE with
a 20μA current source. When the GATE voltage reaches
the MOSFET threshold voltage, the MOSFET begins to
turn on and the SOURCE voltage then follows the GATE
voltage as it increases.
When the MOSFET is turning on, it ramps inrush current
up linearly at a dI/dt rate selected by capacitor CSS. Once
the inrush current reaches the limit set by the FB pin, the
Figure 1. Typical Application
+
R3
3.4K
1%
PLUG-IN
CARD
R2
1.18k
1%
R5
10Ω
RS
0.005Ω
Q1
FDC653N
R7
30.1k
1%
VOUT
12V
R8
3.57k
1%
4215 F01
CL
330μF
CF
0.1μF
R1
34.8k
1%
BACKPLANE
C3
0.1μF
CTIMER
0.68μF
GND
SCL
ALERT
SDA
12V
R4
100k
Z1
P6KE16A
R6
15k
C1
6.8nF
UV VDD SENSE
+
SENSE–
LTC4215UFD
GATE
ADR1 ADR2
ADR0
TIMER INTVCC
GND
SOURCE
OV
ON
SDAI
SDA0
SCL
ALERT
FB
ADIN
GPIO
EN
SS
CSS
7.5nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com