Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM158 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LM158
Description  Low-power dual operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM158 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LM158 Datasheet HTML 17Page - STMicroelectronics LM158 Datasheet HTML 18Page - STMicroelectronics LM158 Datasheet HTML 19Page - STMicroelectronics LM158 Datasheet HTML 20Page - STMicroelectronics LM158 Datasheet HTML 21Page - STMicroelectronics LM158 Datasheet HTML 22Page - STMicroelectronics LM158 Datasheet HTML 23Page - STMicroelectronics LM158 Datasheet HTML 24Page - STMicroelectronics LM158 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
LM158, LM258, LM358, LM158A, LM258A,
LM358A
24/25
DocID2163 Rev 15
Date
Revision
Changes
20-Jun-2014
12
Removed DIP8 package
Corrected typos (W replaced with Ω, £ replaced with ≤)
Updated Features
Added Related products
Table 3: replaced DVio
with ΔVio/ΔT and DIio with ΔIio/ΔT.
Updated Table 7 for exposed pad dimensions
Table 8: "Order codes": removed order codes LM258YPT and
LM258AYPT; removed all order codes for devices with tube
packing; added package code (NB) to DFN8 2x2 package.
13-Nov-2015
13
Updated document layout
Updated name of the "DFN8 2x2 (NB) mm" package to "DFN8
2x2" everywhere in datasheet.
Section 2: "Package pin connections": placed the package's pinout
in this section and added note about exposed pad.
Table 8: "Order codes": removed order codes LM258ST,
LM358YPT, and LM358AYPT.
24-Aug-2016
14
Table 6: "DFN8 2x2 mechanical data": added typ. value for "L"
dimension.
22-Nov-2017
15
Updated: related products on the cover page.
Updated: Section 3: "Absolute maximum ratings", Table 2:
"Operating conditions", Section 4: "Electrical characteristics",
Figure 6: "Voltage follower pulse response with VCC = 30 V" and
Figure 7: "Input current".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com