Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM158 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM158
Description  Low-power dual operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM158 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM158 Datasheet HTML 3Page - STMicroelectronics LM158 Datasheet HTML 4Page - STMicroelectronics LM158 Datasheet HTML 5Page - STMicroelectronics LM158 Datasheet HTML 6Page - STMicroelectronics LM158 Datasheet HTML 7Page - STMicroelectronics LM158 Datasheet HTML 8Page - STMicroelectronics LM158 Datasheet HTML 9Page - STMicroelectronics LM158 Datasheet HTML 10Page - STMicroelectronics LM158 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM158, LM258, LM358, LM158A, LM258A,
LM358A
Electrical characteristics
DocID2163 Rev 15
7/25
4
Electrical characteristics
Table 3: Electrical characteristics for VCC+ = 5 V, VCC- = Ground, Vo = 1.4 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
LM158A
2
mV
LM258A, LM358A
1
3
LM158, LM258
5
LM358
2
7
Tmin
≤ Tamb ≤ Tmax
LM158A, LM258A, LM358A
4
LM158, LM258
7
LM358
9
ΔVio/ΔT
Input offset voltage drift
LM158A, LM258A, LM358A
7
15
µV/°C
LM158, LM258, LM358
7
30
Iio
Input offset current
LM158A, LM258A, LM358A
2
10
nA
LM158, LM258, LM358
2
30
Tmin
≤ Tamb ≤ Tmax
LM158A, LM258A, LM358A
30
LM158, LM258, LM358
40
ΔIio/ΔT
Input offset current drift
LM158A, LM258A, LM358A
10
200
pA/°C
LM158, LM258, LM358
10
300
Iib
Input bias current (2)
LM158A, LM258A, LM358A
20
50
nA
LM158, LM258, LM358
20
150
Tmin
≤ Tamb ≤ Tmax
LM158A, LM258A, LM358A
100
LM158, LM258, LM358
200
Avd
Large signal voltage gain
VCC+ = 15 V, RL
= 2 kΩ, Vo = 1.4 V to 11.4 V
50
100
V/mV
Tmin
≤ Tamb ≤ Tmax
25
SVR
Supply voltage rejection
ratio
VCC+ = 5 V to 30 V, Rs
≤ 10 kΩ
65
100
dB
Tmin
≤ Tamb ≤ Tmax
65
ICC
Supply current, all amp,
no load
Tmin
≤ Tamb ≤ Tmax VCC+ = 5 V
0.7
1.2
mA
Tmin
≤ Tamb ≤ Tmax VCC+ = 30 V
2
CMR
Common mode rejection
ratio
Rs
≤ 10 kΩ
70
85
dB
Tmin
≤ Tamb ≤ Tmax
60
Isource
Output current source
VCC+ = 15 V, Vo = 2 V, Vid = 1 V
20
40
60
mA
Isink
Output sink current
VCC+ = 15 V, Vo = 2 V, Vid = -1 V
10
20
mA
VCC+ = 15 V, Vo = 0.2 V, Vid = -1 V
12
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com