Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM158 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LM158
Description  Low-power dual operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM158 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LM158 Datasheet HTML 17Page - STMicroelectronics LM158 Datasheet HTML 18Page - STMicroelectronics LM158 Datasheet HTML 19Page - STMicroelectronics LM158 Datasheet HTML 20Page - STMicroelectronics LM158 Datasheet HTML 21Page - STMicroelectronics LM158 Datasheet HTML 22Page - STMicroelectronics LM158 Datasheet HTML 23Page - STMicroelectronics LM158 Datasheet HTML 24Page - STMicroelectronics LM158 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Ordering information
LM158, LM258, LM358, LM158A, LM258A,
LM358A
22/25
DocID2163 Rev 15
8
Ordering information
Table 8: Order codes
Order code
Temperature range
Package
Packaging
Marking
LM158QT
-55 °C to 125 °C
DFN8 2x2
Tape and reel
K4A
LM158DT
SO8
158
LM258ADT
-40 °C to 105 °C
SO8
258A
LM258AYDT (1)
SO8, automotive grade
258AY
LM258DT
SO8
258
LM258APT
TSSOP8
258A
LM258AST
MiniSO8
K408
LM258QT
DFN8 2x2
K4C
LM358DT
0 °C to 70 °C
SO8
358
LM358YDT(1)
SO8, automotive grade
358Y
LM358ADT
SO8
358A
LM358PT
LM358APT
TSSOP8
358
358A
LM358ST
LM358AST
MiniSO8
K405
K404
LM358QT
DFN8 2x2
K4E
Notes:
(1)Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q
002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com