Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 1 Page - CUI INC

  VOF-300 Datasheet HTML 1Page - CUI INC VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 07/07/2021
page 1 of 10
SERIES: VOF-300
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power1
ripple
and noise2
efficiency3
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-300-12
12
25
300
120
92.5
VOF-300-24
24
12.5
300
150
93.5
VOF-300-36
36
8.34
300
150
93.5
VOF-300-48
48
6.25
300
150
94
Vstb4
5
1
5
100
--
Notes:
1. Maximum output power of 300 W (5 W for Vstb) with 10 CFM forced air, 200 W (3 W for Vstb) with convection cooling.
2. At full load, nominal input, 20 MHz bandwidth oscilloscope, output terminated with 10 μF electrolytic and 0.1 μF ceramic capacitors.
3. At full load, 25°C, 230 Vac input.
4. Standby output voltage. Present on all models.
5. All specifications are measured at Ta=25°C, 230 Vac input voltage, and 60% rated output load unless otherwise specified.
FEATURES
• up to 300W continuous power
• universal input voltage range
• industry standard 3” x 5” footprint
• power factor correction
• remote voltage sense
• remote on/off control
• fan & 5 Vdc aux outputs
• covered and open-frame configurations
• over voltage, over current, over temperature, and short circuit protections
• UL/cUL & TUV safety approvals
• efficiency up to 94%
PART NUMBER KEY
Base Number
VOF-300 - XX - XXX - X
Output Voltage
Chassis:
“blank” = open-frame
CNF = covered
Input Connector:
“blank” = TAIWAN KING PIN
TERMINAL PVHI series
1 = LONG CHU P3060 series
Additional Resources: Product Page | 3D Model


Similar Part No. - VOF-300

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-300 CUI-VOF-300 Datasheet
2Mb / 10P
AC-DC POWER SUPPLY
VOF-300 CUI-VOF-300 Datasheet
2Mb / 10P
AC-DC POWER SUPPLY
VOF-300-12 CUI-VOF-300-12 Datasheet
2Mb / 10P
AC-DC POWER SUPPLY
VOF-300-12 CUI-VOF-300-12 Datasheet
2Mb / 10P
AC-DC POWER SUPPLY
VOF-300-24 CUI-VOF-300-24 Datasheet
2Mb / 10P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com