Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 6 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 6 Page - CUI INC

Back Button VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC VOF-300 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
cui.com
date 07/07/2021
│ page 6 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
CN1
PIN
Function
1
ACL
2
-
3
ACN
CN4
PIN
Function
1
-FAN
2
+FAN
3
GND
4
+5 VSB
5
GND
6
PS-ON
CN5
PIN
Function
1
GND
2
PG
3
-Sense
4
+Sense
+Vo
FAN
Air flow
direction
10CFM
VR
CN4
1
CN5
5.35 [136.00]
-Vo
4
0.402 [10.20]
4.55 [115.60]
2
3
1
ACL
ACN
CN1
2
3
cross sectional view A
Scale 1:1
1
2
3
4
5
6
Covered
units: inch [mm]
tolerance: X.XXX = ±0.020 [±0.50]
MECHANICAL DRAWING (CONTINUED)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com