Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 8 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 8 Page - CUI INC

Back Button VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC VOF-300 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
cui.com
date 07/07/2021
│ page 8 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
INSTALLATION INSRUCTIONS (CONTINUED)
Output Terminals
Mate with round or Y terminals with max OD of 6.75 mm and max ID of 3.9 mm
Terminal Size: (2) M3
Torque: 3 kgf-cm
Mounting Clearance
Allow at least 4 mm side clearance and 5 mm height clearance. If clearances aren’t met, the isolation and withstand
specifications may not be met.
Field Ground
Should be connected to the earth (ground) terminal of the apparatus otherwise conducted noise and output noise will
increase.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com