Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S12C Datasheet(PDF) 4 Page - CUI INC

Part # VOF-S12C
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S12C Datasheet(HTML) 4 Page - CUI INC

  VOF-S12C Datasheet HTML 1Page - CUI INC VOF-S12C Datasheet HTML 2Page - CUI INC VOF-S12C Datasheet HTML 3Page - CUI INC VOF-S12C Datasheet HTML 4Page - CUI INC VOF-S12C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 05/07/2020
│ page 4 of 5
CUI Inc
│ SERIES: VOF-S12C │ DESCRIPTION: AC-DC POWER SUPPLY
PIN CONNECTIONS
CONNECTORS
PIN
Function
1
AC (N)
Input connector: JST B3B-XH
Mates with JST housing
XH Series or equivalent
2
AC (L)
3
-Vo
Output Connector: JST B4B-XH
Mates with JST housing XH
Series or equivalent
4
-Vo
5
+Vo
6
+Vo
1
2
4
6
3
5
2.15054.61
3.50
0.13
8
4-
48.26
1.900
3.13
0.123
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.15 x 1.00 x 0.68 (54.61 x 25.40 x 17.30 mm)
inches
weight
40
g
MECHANICAL DRAWING
units: inch [mm]
tolerance: ±0.020[±0.50]
INSTALLATION INSTRUCTIONS
The VOF-S12C has four 3.5 mm diameter mounting holes; one in each corner. Use 8 mm tall spacers (6 mm outside
diameter max) to mount the unit, which will maintain the isolation and vibration specifications. A minimum of 4 mm
clearance is required for all four sides of the unit and a minimum of 5 mm clearance is required above the top surface of
the unit.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com