Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S12C Datasheet(PDF) 2 Page - CUI INC

Part # VOF-S12C
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S12C Datasheet(HTML) 2 Page - CUI INC

  VOF-S12C Datasheet HTML 1Page - CUI INC VOF-S12C Datasheet HTML 2Page - CUI INC VOF-S12C Datasheet HTML 3Page - CUI INC VOF-S12C Datasheet HTML 4Page - CUI INC VOF-S12C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 05/07/2020
│ page 2 of 5
CUI Inc
│ SERIES: VOF-S12C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
400
mA
inrush current
at 240 Vac, cold start, 25°C
50
A
leakage current
at 264 Vac
0.25
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
2,000
1,340
1,000
800
500
μF
μF
μF
μF
μF
initial set point accuracy
at 100% load
±2
%
line regulation
measured at high line to low line at full load
±1
%
load regulation
measured at 10%~100% load
±1
%
start-up time
3
s
hold-up time
at 115 Vac
10
ms
switching frequency
65
kHz
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
hiccup, auto recovery
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
6.3
12.6
15.8
18.9
31.5
Vdc
Vdc
Vdc
Vdc
Vdc
short circuit protection
hiccup, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
Vac
isolation resistance
100
MΩ
safety approvals
certified to IEC/EN/UL 62368-1
designed to meet IEC/EN 60335
safety class
Class II
conducted emissions
EN55032 2015, EN61000-6-3 2007+A1: 2011+AC: 2012, Class B,
47 CFR FCC Part 15 Subpart B (Class B)
radiated emissions
EN55032 2015, EN61000-6-3 2007+A1: 2011+AC: 2012, Class B,
47 CFR FCC Part 15 Subpart B (Class B)
harmonic current emissions
EN61000-3-2:2014
voltage fluctuations & flicker
EN61000-3-3:2013
ESD
IEC61000-4-2:2008
radiated immunity
IEC61000-4-3:2010
EFT/burst
IEC61000-4-4:2012
surge
IEC61000-4-5:2014
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com