Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S12C Datasheet(PDF) 3 Page - CUI INC

Part # VOF-S12C
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S12C Datasheet(HTML) 3 Page - CUI INC

  VOF-S12C Datasheet HTML 1Page - CUI INC VOF-S12C Datasheet HTML 2Page - CUI INC VOF-S12C Datasheet HTML 3Page - CUI INC VOF-S12C Datasheet HTML 4Page - CUI INC VOF-S12C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 05/07/2020
│ page 3 of 5
CUI Inc
│ SERIES: VOF-S12C │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
conducted immunity
IEC61000-4-6:2013
power frequency magnetic field
IEC61000-4-8:2009
voltage dips & interruptions
IEC61000-4-11:2004
MTBF
as per MIL-HDBK-217F, at 115 Vac, 25°C, GB
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
580,000
870,000
660,000
740,000
620,000
hours
hours
hours
hours
hours
RoHS
yes
Notes:
4. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
75
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
93
%
altitude
5,000
m
vibration
as per MIL-STD-810F Table 514.5C-VIII; 15~2000
Hz for 1 hour on each axis for 3 hours
4
G
shock
as per MIL-STD-810F Table 516.5, Table 516.5-1;
for 10 ms on each axis 3 times
75
G
Load vs. Ambient Temperature
(natural convection)
-40
75
100
125
50
25
-10
30
0
0
20
40
50
60
70
Ambient Temperature (°C)
80
DERATING CURVES
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com