Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PGDOCK Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-PGDOCK
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PGDOCK Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-PGDOCK Datasheet HTML 1Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 2Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 3Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 4Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 5Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 6Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 7Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 8Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
–
–
–
–
2
3
HumRCTM Series Transceiver Carrier Board Objects
1. HumRCTM Series Transceiver
2. MMCX RF Connector
3. Dual Row Header
4. Single Row Header
HumRCTM Series Transceiver Carrier Board
Ordering Information
Figure 2: Ordering Information
Figure 3: HumRCTM Series Transceiver Carrier Board
1
2
3
4
HumRCTM Series Transceiver Carrier Board Pin Assignments
Figure 4: HumRCTM Series Transceiver Carrier Board Pin Assignments (Top View)
7 MODE_IND
9 CMD_DATA_IN
11 LATCH_EN
13 ACK_EN
15 CMD_DATA_OUT
17 VCC
19 C0
21 C1
23 NC
25 NC
27 NC
29 NC
31 NC
33 NC
35 NC
37 NC
GND 6
RESET 8
PDN 10
NC 12
PAIR 14
LNA_EN 16
LVL_ADJ 18
PA_EN 20
NC 22
NC 24
NC 26
NC 28
NC 30
NC 32
NC 34
NC 36
41 S3
42 S4
43 S5
44 S6
45 S7
46 ACK_OUT
47 NC
48 NC
49 NC
50 NC
51 NC
52 NC
53 NC
54 NC
55 NC
56 NC
40 S2
39 S1
38 S0
ANTENNA 1
2-5 GND (RF Connector)
Ordering Information
Part Number
Description
EVAL-***-RC
HumRCTM Series Basic Evaluation Kit
MDEV-***-RC
HumRCTM Series Master Development System
HUM-***-RC
HumRCTM Series Remote Control Transceiver
HUM-900-RC-UFL
HumRCTM Series Remote Control Transceiver, Certified, UFL
Connector
HUM-900-RC-CAS
HumRCTM Series Remote Control Transceiver, Certified, Castella-
tion Connection
EVM-***-RC
HumRCTM Series Carrier Board
EVM-900-RC-UFL
HumRCTM Series Carrier Board with Certified module, UFL Con-
nector
EVM-900-RC-CAS
HumRCTM Series Carrier Board with Certified module, Castellation
Connection
MDEV-DEMO-RC-A
Development System Remote Control Demo Board, Type A
MDEV-DEMO-RC-B
Development System Remote Control Demo Board, Type B
MDEV-PGDOCK
Development System Programming Dock
MDEV-PROTO
Development System Prototype Board
CON-SOC-EVM
EVM Module Socket Kit
*** = Frequency; 900MHz, 2.4GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com