Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PGDOCK Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-PGDOCK
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PGDOCK Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-PGDOCK Datasheet HTML 6Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 7Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 8Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 9Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 10Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 11Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 12Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 13Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 14Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
–
–
–
–
14
15
The Development Kit Demonstration Software
The development kit includes software that is used to configure and control
the module through the Programming Dock. The software defaults to the
Demo & EZConfiguration tab when opened (Figure 13). This window offers
basic configuration and demonstration of the module’s functionality with the
current configuration.
1. Clicking the Contact Linx, Documentation and About labels on the
left side expands them to show additional information and links to the
latest documentation. This is shown in Figure 15.
2. The Help window shows tips and comments about the software.
3. The active module is connected to the PC and being configured by the
software.
4. Available modules are connected to the PC but are not currently being
configured or controlled by the PC
5. Known Modules are not currently connected to the PC, but have either
been connected to the software in the past or have been manually
entered.
6. The Given Permissions window shows the list of modules that are
paired with the active module and the Permissions Mask for each one.
7. The demo area replicates a remote control device. The appearance
changes with the programmed configurations.
7
4
1
2
3
10
6
8
11
5
9
Figure 13: The Master Development System Software Demo and EZConfiguration Tab
8. The Status Details section shows the module’s control line states, radio
state and RSSI level.
9. The Sent and Received Packets window shows the commands
sent to the module and the responses from the module. This aids in
debugging custom software.
10. Once a module has been configured, the configurations can be saved
into a profile that can be recalled and programmed into other modules.
The Saved Profiles list shows all of the profiles that have been saved
into the software.
11. The Show Commands button opens a larger window to view the serial
commands sent to and received from the module.
The modules are shown with three identifiers as shown in Figure 14.
1. The type of module (HumRC™ Series)
2. The module’s local address.
3. A custom name that can be given to the module. Type a name into
the box and press Enter to apply it. This name is shown on the LCD
display on the programming dock.
Figure 14: The Master Development System Software Module Identifiers
1
2
3
Figure 15: The Master Development System Software Additional Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com