Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PGDOCK Datasheet(PDF) 13 Page - Linx Technologies

Part # MDEV-PGDOCK
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PGDOCK Datasheet(HTML) 13 Page - Linx Technologies

Back Button MDEV-PGDOCK Datasheet HTML 9Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 10Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 11Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 12Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 13Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 14Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 15Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 16Page - Linx Technologies MDEV-PGDOCK Datasheet HTML 17Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
–
–
–
–
20
21
The Sandbox tab shows the interaction of all of the connected modules
on one screen. Figure 20 shows two modules on the screen, but up to 8
modules can fit at one time.
Clicking a button on one device causes the module to transmit control
messages. Paired modules with appropriate Permissions Mask settings
activate and their status is updated in the software. Paired modules that are
not connected to the PC can activate a module that is connected and the
connected module’s status is reflected in the software.
The Sandbox is a convenient place to show the interaction of multiple units
in one location, but it is a reflection of actual module operation. It is not a
simulation.
Figure 20: The Master Development System Software Sandbox Tab
The RC Configuration tab (Figure 21) allows configuration of the module’s
advanced remote control features.
1. The Analog Inputs Source area configures which lines are analog
inputs, the number of readings to average, the reference voltage and
the offset for each channel.
2. The Custom Data Source menu sets the source of custom data
transmitted with each IU message.
3. The Trigger Operation area configures which lines are triggered inputs,
their type of control, session duration and transmit interval.
4. The NV Memory Cycles show how many times data has been written
to the module’s non-volatile memory. The module is capable of
approximately 1,000 writes to NV memory before it wears out. This
count gives an indication of how many more times the module can be
written.
5. The Analog Input Readings show the current analog measurements.
6. The Trigger Input Status shows the current states of the trigger lines.
Figure 21: The Master Development System Software RC Configuration Tab
7
4
1
2
3
10
6
8
11
5
9
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com