| Electronic Components Datasheet Search |
|
DLPS033 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DLPS033 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 21 page ![]() 8 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 8.1 Application Information The DLPR410 device configuration PROM ships pre-programmed with configuration code for the DLPC410ZYR controller. Upon power-up, the DLPC410ZYR controller and the DLPR410 device connect to enable configuration information to be sent from the DLPR410 device to the DLPC410ZYR controller, such that the DLPC410ZYR controller can configure itself for proper operation within the application. Without the DLPR410 device properly connected to the DLPC410ZYR controller in the application system, the DLPC410ZYR controller does not boot and the system remains inoperable. 8.2 Typical Application A typical embedded system application using the DLPR410 device to program the DLPC410 controller (to drive one of 5 different DMDs) is shown in Figure 8-1. For complete details of this typical application refer to the DLPC410 controller data sheet listed in Table 11-2. DLPC410ZYR SCP Bus LVDS Data Bus(C,D) Power Management OSC DLPA200 Control DLPR410 JTAG DLPC410 Info Signals Control Signals Row, Block Signals LVDS Data Bus LEDs / LASERs / Lamp PWMs/Triggers LED/LASER/Lamp Driver DLPA200 MBRST Op cal Sensor Op cal Power Sense LVDS Data Bus(A,B) DLPA200 Control DLPA200 MBRST D0 Clk DONE OE TI Components DMDs DLP650LNIR DLP7000 DLP7000UV DLP9500 DLP9500UV Figure 8-1. DLPR410 and DLPC410ZYR with DMD Example Block Diagram 8.2.1 Design Requirements The DLPR410 is part of a multi-chipset solution, and it is required to be coupled with the DLPC410ZYR controller for reliable operation of the DLP650LNIRFYL, DLP7000FLP, DLP7000UVFLP, DLP9500FLN and, DLP9500UVFLN DMDs. DMDs. For more information, refer to the DLPC410ZYR datasheet listed in Section 11.2.1. www.ti.com DLPR410 DLPS027G – AUGUST 2012 – REVISED AUGUST 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: DLPR410 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |