Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P152S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 9Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 10Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
4
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
4.2 EM78P152S
Symbol
Pin No.
Type
Function
P66, P67
4, 3
I/O
General purpose input/output pin
Pull-high open-drain
Wake up from sleep mode when the status of the pin
changes.
P65/OSCI
6
I/O
General purpose input/output pin
External clock signal input
Input pin of XT oscillator
Pull-high open-drain
Wake up from sleep mode when the status of the pin
changes.
P64/OSCO
7
I/O
General purpose input/output pin
External clock signal input
Input pin of XT oscillator
Pull-high open-drain
Wake up from sleep mode when the status of the pin
changes.
P63//RESET
8
I
P63 is input pin only
Internal Pull-high is on if defined as /RESET.
If set as /RESET and remains at logic low, the device will be
reset.
Wake-up from sleep mode when pin status changes
Voltage on /RESET must not exceed Vdd during normal
mode.
P62/TCC
9
I/O
General purpose input/output pin
External Timer/Counter input
Pull-high/Pull-down open-drain
Wake up from sleep mode when the status of the pin
changes.
P61
10
I/O
General purpose input/output pin
Pull-high/Pull-down open-drain
Wake up from sleep mode when the status of the pin
changes.
Schmitt Trigger input during programming mode.
P60/INT
1
I/O
General purpose input/output pin
Pull-high/Pull-down open-drain
Wake up from sleep mode when the status of the pin
changes.
Schmitt Trigger input during programming mode.
External interrupt pin triggered by a falling edge.
VDD
5
Power supply
VSS
2
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com