| Electronic Components Datasheet Search |
|
EM78P152S Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM78P152S Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 52 page ![]() EM78P152/3S 8-Bit Microcontroller with OTP ROM Product Specification (V1.8) 09.08.2009 • 17 (This specification is subject to change without further notice) The Sleep (power down) mode is asserted by executing the “SLEP” instruction. While entering Sleep mode, WDT (if enabled) is cleared but keeps on running. The controller can be awakened by: 1) External reset input on /RESET pin 2) WDT time-out (if enabled) 3) Port 6 Input Status changed (if enabled) The first two cases will cause the EM78P152/3S to reset. The T and P flags of R3 are used to determine the source of the reset (wake-up). The last case is considered the continuation of program execution and the global interrupt ("ENI" or "DISI" being executed) determines whether or not the controller branches to the interrupt vector following a wake-up. If ENI is executed before SLEP, the instruction will begin to execute from Address 008H after wake-up. If DISI is executed before SLEP, the operation will restart from the succeeding instruction right next to SLEP after a wake-up. Only one of Cases 2 and 3 can be enabled before going into the Sleep mode. That is, [a] if Port 6 Input Status Change Interrupt is enabled before SLEP, WDT must be disabled by software. However, the WDT bit in the option register remains enabled. Hence, the EM78P152/3S can be awakened only by Case 1 or Case 3. [b] if WDT is enabled before SLEP, Port 6 Input Status Change Interrupt must be disabled. Hence, the EM78P152/3S can be awakened only by Case 1 or Case 2. Refer to Section 5.6, Interrupt for further details. If Port 6 Input Status Change Interrupt is used to wake-up the EM78P152/3S (Case [a] above), the following instructions must be executed before SLEP: MOV A, @xxxx1110b ; Select the WDT prescaler, it must be ; set over 1:1 CONTW WDTC ; Clear WDT and prescaler MOV A, @0xxxxxxxb ; Disable WDT IOW RE MOV R6, R6 ; Read Port 6 MOV A, @00000x1xb ; Enable Port 6 input change interrupt IOW RF ENI (or DISI) ; Enable (or disable) global interrupt SLEP ; Sleep |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |