Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P152S Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 33Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 34Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 35Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 36Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 37Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 38Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 39Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 40Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.8) 09.08.2009
• 33
(This specification is subject to change without further notice)
6
Absolute Maximum Ratings
EM78P152/3S
Items
Rating
Temperature under bias
0
°C
to
70
°C
Storage temperature
-65
°C
to
150
°C
Input voltage
-0.3V
to
+6.0V
Output voltage
-0.3V
to
+6.0V
Note: *
These parameters are theoretical values and have not been tested.
7
Electrical Characteristics
7.1 DC Characteristics
Ta=25
°C, VDD=5V±5%, VSS=0V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Crystal: VDD to 2.3V
Two cycles with two clocks
DC
4.0
MHz
Crystal: VDD to 3V
Two cycles with two clocks
DC
8.0
MHz
FXT
Crystal: VDD to 5V
Two cycles with two clocks
DC
20.0
MHz
ERC
ERC: VDD to 5V
R: 5K
Ω, C: 39 pF
F
±30% 1500 F±30%
kHz
IIL
Input Leakage Current for input pins
VIN = VDD, VSS
±1
μA
VIH1
Input High Voltage (VDD=5V)
Ports 5, 6
2.0
V
VIL1
Input Low Voltage (VDD=5V)
Ports 5, 6
0.8
V
VIHT1
Input High Threshold Voltage
(VDD=5V)
/RESET, TCC
(Schmitt trigger)
2.0
V
VILT1
Input Low Threshold Voltage (VDD=5V)
/RESET, TCC
(Schmitt trigger)
0.8
V
VIHX1
Clock Input High Voltage (VDD=5V)
OSCI
2.5
Vdd+0.3
V
VILX1
Clock Input Low Voltage (VDD=5V)
OSCI
1.0
V
VIH2
Input High Voltage (VDD=3V)
Ports 5, 6
1.5
V
VIL2
Input Low Voltage (VDD=3V)
Ports 5, 6
0. 4
V
VIHT2
Input High Threshold Voltage
(VDD=3V)
/RESET, TCC
(Schmitt trigger)
1.5
V
VILT2
Input Low Threshold Voltage (VDD=3V)
/RESET, TCC
(Schmitt trigger)
0.4
V
VIHX2
Clock Input High Voltage (VDD=3V)
OSCI
1.5
V
VILX2
Clock Input Low Voltage (VDD=3V)
OSCI
0.6
V
VOH1
Output High Voltage (Ports 6)
(P60~P63, P66~P67 are Schmitt
trigger)
IOH = -12 mA
2.4
V
VOL1
Output Low Voltage (P50~P53,
P60~P63 P66~P67 are Schmitt trigger)
IOL = 12 mA
0.4
V
VOL2
Output Low Voltage (P64, P65)
IOL = 16.0 mA
0.4
V
IPH
Pull-high current
Pull-high active,
input pin at VSS
–50
–100
–240
μA
IPD
Pull-down current
Pull-down active,
input pin at VDD
20
50
120
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com