Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ40C Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # SMBJ40C
Description  Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SMBJ40C Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SMBJ40C Datasheet HTML 1Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 2Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 3Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 4Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2011. 9. 14
3/5
Revision No : 0
A
C
0
4
4
u
r
h
t
0
.
5
J
B
M
S
Electrical Characteristics (Ta=25℃)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR (3)
( uA)
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP(2)
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Min(V)
Max (V)
IT(1)(mA)
SMBJ24
SMBJ24C
26.70
32.60
1.0
5 0
24.0
14.0
43.0
SMBJ24A
SMBJ24CA
26.70
29.50
1.0
5 0
24.0
15.4
38.9
SMBJ26
SMBJ26C
28.90
35.30
1.0
5 0
26.0
12.9
46.6
SMBJ26A
SMBJ26CA
28.90
31.90
1.0
5 0
26.0
14.3
42.1
SMBJ28
SMBJ28C
31.10
38.00
1.0
5 0
28.0
12.0
50.0
SMBJ28A
SMBJ28CA
31.10
34.40
1.0
5 0
28.0
13.2
45.4
SMBJ30
SMBJ30C
33.30
40.70
1.0
5 0
30.0
11.2
53.5
SMBJ30A
SMBJ30CA
33.30
36.80
1.0
5 0
30.0
12.4
48.4
SMBJ33
SMBJ33C
36.70
44.90
1.0
5 0
33.0
10.2
59.0
SMBJ33A
SMBJ33CA
36.70
40.60
1.0
5 0
33.0
11.3
53.3
SMBJ36
SMBJ36C
40.00
48.90
1.0
5 0
36.0
9.3
64.3
SMBJ36A
SMBJ36CA
40.00
44.20
1.0
5 0
36.0
10.3
58.1
SMBJ40
SMBJ40C
44.40
54.30
1.0
5 0
40.0
8.4
71.4
SMBJ40A
SMBJ40CA
44.40
49.10
1.0
5 0
40.0
9.3
64.5
SMBJ43
SMBJ43C
47.80
58.40
1.0
5 0
43.0
7.8
76.7
SMBJ43A
SMBJ43CA
47.80
52.80
1.0
5 0
43.0
8.6
69.4
SMBJ45
SMBJ45C
50.00
61.10
1.0
5 0
45.0
7.5
80.3
SMBJ45A
SMBJ45CA
50.00
55.30
1.0
5 0
45.0
8.3
72.7
SMBJ48
SMBJ48C
53.30
65.10
1.0
5 0
48.0
7.0
85.5
SMBJ48A
SMBJ48CA
53.30
58.90
1.0
5 0
48.0
7.8
77.4
SMBJ51
SMBJ51C
56.70
69.30
1.0
5 0
51.0
6.6
91.1
SMBJ51A
SMBJ51CA
56.70
62.70
1.0
5 0
51.0
7.3
82.4
SMBJ54
SMBJ54C
60.00
73.30
1.0
5 0
54.0
6.2
96.3
SMBJ54A
SMBJ54CA
60.00
66.30
1.0
5 0
54.0
6.9
87.1
SMBJ58
SMBJ58C
64.40
78.70
1.0
5 0
58.0
5.8
103.0
SMBJ58A
SMBJ58CA
64.40
71.20
1.0
5 0
58.0
6.4
93.6
SMBJ60
SMBJ60C
66.70
81.50
1.0
5 0
60.0
5.6
107.0
SMBJ60A
SMBJ60CA
66.70
73.70
1.0
5 0
60.0
6.2
96.8
SMBJ64
SMBJ64C
71.10
86.90
1.0
5 0
64.0
5.2
114.0
SMBJ64A
SMBJ64CA
71.10
78.60
1.0
5 0
64.0
5.8
103.0
SMBJ70
SMBJ70C
77.80
95.10
1.0
5 0
70.0
4.8
125.0
SMBJ70A
SMBJ70CA
77.80
86.00
1.0
5 0
70.0
5.3
113.0
SMBJ75
SMBJ75C
83.30
102.00
1.0
5 0
75.0
4.5
134.0
SMBJ75A
SMBJ75CA
83.30
92.10
1.0
5 0
75.0
5.0
121.0
SMBJ78
SMBJ78C
86.70
106.00
1.0
5 0
78.0
4.3
139.0
SMBJ78A
SMBJ78CA
86.70
95.80
1.0
5 0
78.0
4.8
126.0
SMBJ80
SMBJ80C
88.90
108.80
1.0
5 0
80.0
4.2
143.2
SMBJ80A
SMBJ80CA
88.80
97.60
1.0
5 0
80.0
4.6
129.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com