Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ40C Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # SMBJ40C
Description  Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SMBJ40C Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  SMBJ40C Datasheet HTML 1Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 2Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 3Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 4Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2011. 9. 14
4/5
Revision No : 0
A
C
0
4
4
u
r
h
t
0
.
5
J
B
M
S
Electrical Characteristics (Ta=25℃)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR (3)
(uA )
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP(2)
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Min(V)
Max (V)
IT(1)(mA)
SMBJ85
SMBJ85C
94.40
115.00
1.0
5.0
85.0
4.0
151.0
SMBJ85A
SMBJ85CA
94.40
104.00
1.0
5.0
85.0
4.4
137.0
SMBJ90
SMBJ90C
100.00
122.00
1.0
5.0
90.0
3.7
160.0
SMBJ90A
SMBJ90CA
100.00
111.00
1.0
5.0
90.0
4.1
146.0
SMBJ100
SMBJ100C
111.00
136.00
1.0
5.0
100.0
3.3
179.0
SMBJ100A
SMBJ100CA
111.00
123.00
1.0
5.0
100.0
3.7
162.0
SMBJ110
SMBJ110C
122.00
149.00
1.0
5.0
110.0
3.1
196.0
SMBJ110A
SMBJ110CA
122.00
135.00
1.0
5.0
110.0
3.4
177.0
SMBJ120
SMBJ120C
133.00
163.00
1.0
5.0
120.0
2.8
214.0
SMBJ120A
SMBJ120CA
133.00
147.00
1.0
5.0
120.0
3.1
193.0
SMBJ130
SMBJ130CA
144.00
176.00
1.0
5.0
130.0
2.6
231.0
SMBJ130A
SMBJ130CA
144.00
159.00
1.0
5.0
130.0
2.9
209.0
SMBJ140
SMBJ140C
155.70
190.40
1.0
5.0
140.0
2.4
250.6
SMBJ140A
SMBJ140CA
155.00
171.00
1.0
5.0
140.0
2.6
226.8
SMBJ150
SMBJ150C
167.00
204.00
1.0
5.0
150.0
2.2
268.0
SMBJ150A
SMBJ150CA
167.00
185.00
1.0
5.0
150.0
2.5
243.0
SMBJ160
SMBJ160C
178.00
218.00
1.0
5.0
160.0
2.1
287.0
SMBJ160A
SMBJ160CA
178.00
197.00
1.0
5.0
160.0
2.3
259.0
SMBJ170
SMBJ170C
189.00
231.00
1.0
5.0
170.0
2.0
304.0
SMBJ170A
SMBJ170CA
189.00
209.00
1.0
5.0
170.0
2.2
275.0
SMBJ180
SMBJ180C
200.20
244.80
1.0
5.0
180.0
1.8
322.2
SMBJ180A
SMBJ180CA
200.00
220.00
1.0
5.0
180.0
2.1
291.6
SMBJ190
SMBJ190C
211.30
258.40
1.0
5.0
190.0
1.7
340.1
SMBJ190A
SMBJ190CA
211.00
232.00
1.0
5.0
190.0
1.9
307.8
SMBJ200A
SMBJ200CA
224.00
247.00
1.0
5.0
200.0
1.8
324.0
SMBJ220A
SMBJ220CA
246.00
272.00
1.0
5.0
220.0
1.7
356.0
SMBJ250A
SMBJ250CA
279.00
309.00
1.0
5.0
250.0
1.5
405.0
SMBJ300A
SMBJ300CA
335.00
371.00
1.0
5.0
300.0
1.2
486.0
SMBJ350A
SMBJ350CA
391.00
432.00
1.0
5.0
350.0
1.0
567.0
SMBJ400A
SMBJ400CA
447.00
494.00
1.0
5.0
400.0
0.9
648.0
SMBJ440A
SMBJ440CA
492.00
543.00
1.0
5.0
440.0
0.8
713.0
Notes:
(1)
tp= 50ms
Pulse test:
(2) Surge current waveform per Fig. 3 and derated per Fig.2.
(3) For bi-directional types having VWM of 10 V and less, the IR limit is doubled
(4) For the bi-directional SMBJ5.0CA, the maximum VBR is 7.25 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com