Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ40C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SMBJ40C
Description  Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SMBJ40C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SMBJ40C Datasheet HTML 1Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 2Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 3Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 4Page - First Silicon Co., Ltd SMBJ40C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2011. 9. 14
1/5
Revision No : 0
A
C
0
4
4
u
r
h
t
0
.
5
J
B
M
S
Transient Voltage Suppressor Diodes
Features
Outline Dimensions and Mark
PPP 600W
VBR 5.0V-440V
Applications
Clamping Voltage
Limiting Values (Absolute Maximum Rating)
Item
Symbol
Unit
Conditions
Max
Peak power dissipation
PPPM
W
with a 10/1000us waveform
600
Peak pulse current
IPPM
A
with a 10/1000us waveform
See Next Table
Peak forward surge current
IFSM
A
8.3 ms single half sine-wave unidirectional only
100
Operating junction and
storage temperature range
TJ,TSTG
-55 to +150
Electrical Characteristics
Ta=25℃ Unless other wises pecified)
Item
Symbol
Unit
Conditions
Max
Maximum instantaneous forward
Voltage
VF
V
at 50A for unidirectional only
3.5
Thermal resistance
R JL
/W
junction to lead
20
R JA
/W
junction to ambient
100
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above T
A= 25
℃ per Fig.2.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
D im e n sio n s in inc h es a n d (m illim e te rs )
DO-214AA(SMB)
.187(4.75)
.167(4.25)
.1 55(3.94)
.1 30(3.30)
.085 (2.1 5)
.073 (1.8 5)
.10 3(2 .61)
.07 8(1 .99)
.0 56(1.41)
.0 35(0.90)
.008 (0.2 0)
.004 (0.1 0)
012(0 31)
.006(0.15)
0.081(2.07 2)
0.228
(5 .80)
M o u ntin g P ad L ay out
0.06 9
(1.76)
0.107
(2.72)
.2 20(5.59)
.2 05(5.21)
AEC-Q101 qualified
θ
θ


Similar Part No. - SMBJ40C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ40C BYTES-SMBJ40C Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ40C EIC-SMBJ40C Datasheet
18Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ40C MCC-SMBJ40C Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
logo
Littelfuse
SMBJ40C LITTELFUSE-SMBJ40C Datasheet
326Kb / 5P
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
SMBJ40C DAESAN-SMBJ40C Datasheet
709Kb / 4P
POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results

Similar Description - SMBJ40C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com