Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
8.3 Feature Description
8.3.1 Operating Voltage
The OPAx607 operational amplifiers are fully specified and assured for operation from 2.2 V to 5.5 V, applicable
from –40°C to +125°C. The OPAx607 devices are completely operational with asymmetric, symmetric and single
supply voltages applied across the supply pins. The total voltage (that is, (VS+) – (VS–)) must be less than the
supply voltage mentioned in Section 7.1.
8.3.2 Rail-to-Rail Output and Driving Capacitive Loads
Designed as a low-power, low-voltage operational amplifier, the OPAx607 devices are capable of delivering a
robust output drive. For resistive loads of 10 kΩ, the output swings to within a few millivolts of either supply rail,
regardless of the applied power-supply voltage. Different load conditions change the ability of the amplifier to
swing close to the rails. The OPAx607 devices drive up to a nominal capacitive load of 47 pF on the output with
no special consideration and without the need of a series isolation resistor RISO while still being able to achieve
45° of phase margin. When driving capacitive loads greater than 47 pF, TI recommends using RISO as shown in
Figure 8-1 in series with the output as close to the device as possible. Refer to Figure 7-18 for looking up
different values of RISO required for CL to achieve 45° phase margin. Without RISO, the external capacitance (CL)
interacts with the output impedance (ZO) of the amplifier, resulting in stability issues. Inserting RISO isolates CL
from ZO and restores the phase margin. Figure 8-1 shows the test circuit.
+
±
VIN
RISO
CL
10 k
VOUT
OPAx607
IOVERLOAD
10mA max
Rf
Rg
Cf
Figure 8-1. Input Current Protection and Driving Capacitive Loads
Figure 8-2 and Figure 8-3 show the phase margin achieved with varying RISO with different values of CL.
RISO (:)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
D018
10pF
22pF
47pF
0.1nF
1nF
10nF
Gain = 10 V/V,
Cf = 2.5 pF,
RL = 10 kΩ
Figure 8-2. Phase Margin vs. Series Isolation
Resistor
RISO (:)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
D017
10pF
22pF
47pF
0.1nF
1nF
10nF
Gain = 20 V/V,
Cf = 2.5 pF,
RL = 10 kΩ
Figure 8-3. Phase Margin vs. Series Isolation
Resistor
OPA607, OPA2607
SBOS981I – OCTOBER 2019 – REVISED FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com