Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
7.5 Electrical Characteristics (continued)
At TA = 25°C, VS = 2.2 V to 5.5 V, G = 6 V/V(4), RF = 5 kΩ, CF = 2.5 pF, VCM = (VS / 2) – 0.5 V, CL = 10 pF,
RL = 10 kΩ
connected to (VS / 2) – 0.5 V, and, PD connected to (VS+) (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Output voltage swing from supply rails
8
12
mV
TA = – 40℃ to +125℃
8
12
ISC
Output Short-circuit current
60
mA
ZO
Open-loop output impedance
f = 1 MHz
500
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
IO = 0 mA
900
1100
µA
IO = 0 mA, TA = –40°C to +125°C
1200
POWER DOWN (Device Enabled When Floating)
Power Down quiescent current per
amplifier(3)
PD = VS–
750
1000
nA
Power Down pin bias current per
amplifier(6)
PD = VS–
–750
–1000
Enable voltage threshold
Logic-High threshold
0.7 x VS
V
Disable voltage threshold
Logic-Low threshold
0.2 x VS
tON
Turn-on time delay(2)
10
15
µs
tOFF
Turn-off time delay
0.5
(1)
Parameters with minimum or maximum specification limits are 100% production tested at 25ºC, unless otherwise noted. Over
temperature limits are based on characterization and statistical analysis.
(2)
Specified by design and characterization or both ; not production tested.
(3)
In Power Down mode current drawn by the opamp is equal to the bias current sourced on the PD pin
(4)
All Gains (G) mentioned are in V/V unless otherwise noted.
(5)
Lowpass-filter bandwidth is 92kHz for f = 20 kHz and 20 kHz for f = 1 kHz.
(6)
Negative value of the Power Down bias current indicates current being sourced from the opamp's PD pin towards external circuit.
OPA607, OPA2607
SBOS981I – OCTOBER 2019 – REVISED FEBRUARY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com