Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPAX607
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 5Page - Texas Instruments OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
7.5 Electrical Characteristics
At TA = 25°C, VS = 2.2 V to 5.5 V, G = 6 V/V(4), RF = 5 kΩ, CF = 2.5 pF, VCM = (VS / 2) – 0.5 V, CL = 10 pF,
RL = 10 kΩ
connected to (VS / 2) – 0.5 V, and, PD connected to (VS+) (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
–0.6
0.12
0.6
mV
Input offset voltage(2)
TA = –40°C to +125°C
–0.7
0.12
0.7
dVOS/dT
Input offset voltage drift(2)
TA = –40°C to +125°C
±0.3
±1.5 µV/°C
PSRR
Power-supply rejection ratio
VS = 2.2 V to 5.5 V
95
120
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(VS–)
(VS+)–1.1
V
CMRR
Common-mode rejection ratio
(VS–) < VCM < (VS+) – 1.1 V
90
100
dB
INPUT BIAS CURRENT
IB
Input bias current(2)
±3
±10
pA
TA = –40℃ to 125℃
See Fig. 29
IOS
Input offset current(2)
±3
±10
NOISE
Input voltage noise (peak-to-peak)
f = 0.1 Hz to 10 Hz
1.6
µVPP
eN
Input voltage noise density
f = 10 kHz, 1/f corner at 1 kHz
3.8
nV/√Hz
iN
Input current noise density
f = 1 kHz
46
fA/√Hz
INPUT IMPEDANCE
CIN
Differential
11.5
pF
Common-mode
5.5
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(VS–) + 400 mV < VOUT < (VS+) – 400 mV
110
130
dB
Phase margin
65
°
AC Characteristics (VS = 5 V)
SSBW
Small-signal bandwidth
VOUT = 20 mVpp
9
MHz
GBW
Gain-bandwidth product
G = 20 V/V
50
SR
Slew rate
3-V output step (10-90%), VOCM = mid-
supply
24
V/µs
tS
Settling time
To 0.1%, 3-V step, G = 40, VOCM = mid-
supply
1
µs
To 0.01%, 3-V step, G = 40, VOCM = mid-
supply
1.8
Overdrive recovery time
VIN+ × Gain > VS
0.3
µs
THD + N
Total Harmonic Distortion + Noise(5)
VOUT = 2 VPP, f = 1 kHz , RL = 10 kΩ
-103
dB
VOUT = 2 VPP, f = 20 kHz , RL = 10 kΩ
-91.5
VOUT = 2 VPP, f = 1 kHz , RL = 1 kΩ
-96
VOUT = 2 VPP, f = 20 kHz , RL = 1 kΩ
-72.8
HD2
Second-order harmonic distortion
VOUT = 2 VPP f = 20 kHz
-105
dBc
HD3
Third-order harmonic distortion
VOUT = 2 VPP f = 20 kHz
-95
Channel-to-channel crosstalk
VOUT = 2 VPP, f = 100 kHz
-114
dBc
www.ti.com
OPA607, OPA2607
SBOS981I – OCTOBER 2019 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com