| Electronic Components Datasheet Search |
|
HCS473SLROM Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473SLROM Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 68 page ![]() HCS473 DS40035C-page 14 Preliminary 2002 Microchip Technology Inc. 3.1.4 ENCODER MODE OPTIONS The following HCS473 configuration options configure transmission characteristics of the information exiting the DATA pin: • Modulation select (MSEL) • Header select (HSEL) • Extended serial number (XSER) • Queue counter enable (QUEN) • Counter select (CNTSEL) • Low voltage trip point (VLOWSEL) • PLL interface select (AFSK) • RF enable output (RFEN) • Seed button code (SDBT) • Time before Seed (SDTM) • Limited Seed (SDLM) • Seed mode (SDMD) • RF baud rate select (RFBSL) • Guard time select (GSEL) • Minimum code words (MTX) • Timeout select (TSEL) • Long preamble enable (LPRE) • Long preamble length (LPRL) • Preamble duty cycle (PRD) The following sections detail each configuration’s avail- able options. All timing values specified are subject to the specified oscillator variation. 3.1.4.1 Modulation Format (MSEL) The Modulation format option selects the modulation format for data output from the DATA pin; most often transmitted via RF. MSEL options: • Pulse Width Modulation (PWM), Figure 3-3 • Manchester Modulation, Figure 3-4 3.1.4.2 Header Select (HSEL) The synchronization header is typically used by the receiver to adjust bit sampling appropriate to the trans- mitter’s current speed; as the transmitter’s RC oscilla- tor varies with temperature and voltage, so will the transmission’s timing. HSEL options: •4 RF TE • 10 RF TE 3.1.4.3 Extended Serial Number (XSER) The Extended Serial Number option determines whether the HCS473 transmits a 28 or 32-bit serial number. When configured for a 28-bit serial number, the Most Significant nibble of the 32 bits reserved for the serial number is replaced with a copy of the 4-bit button sta- tus, Figure 3-2. XSER options: • 28-bit serial number • 32-bit serial number 3.1.4.4 Queue Counter (QUEN) The QUE counter can be used to request secondary decoder functions using only a single transmitter but- ton. Typically a decoder must keep track of incoming transmissions to determine when a double button press occurs, perhaps an unlock all doors request. The QUE counter removes this burden from the decoder by counting multiple button presses and including the QUE counter value in the last two bits of the 69-bit code word, (Figure 3-2). If QUEN is disabled, the transmis- sion will consist only of 67 bits as the QUE bits field is not transmitted. Que counter functionality is enabled with the QUEN configuration option. The 2-bit QUE counter is incre- mented each time an active button input is released for at least the Debounce Time (T DB), then re-activated (button pressed again) within the Queue Time (T QUE), Figure 3-5. The counter increments up from 0 to a max- imum of 3, returning to 0 only after a different button activation or after button activations spaced greater than the Queue Time (T QUE) apart. The current transmission aborts, after completing the minimum number of code words (Section 3.1.4.15), when the active button inputs are released. A button re- activation within the queue time (T QUE) then initiates a new transmission (new synchronization counter, encrypted data) using the updated QUE value. Button combinations are queued the same as individual but- tons. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |