Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS473SLROM Datasheet(PDF) 33 Page - Microchip Technology

Part # HCS473SLROM
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473SLROM Datasheet(HTML) 33 Page - Microchip Technology

Back Button HCS473SLROM Datasheet HTML 29Page - Microchip Technology HCS473SLROM Datasheet HTML 30Page - Microchip Technology HCS473SLROM Datasheet HTML 31Page - Microchip Technology HCS473SLROM Datasheet HTML 32Page - Microchip Technology HCS473SLROM Datasheet HTML 33Page - Microchip Technology HCS473SLROM Datasheet HTML 34Page - Microchip Technology HCS473SLROM Datasheet HTML 35Page - Microchip Technology HCS473SLROM Datasheet HTML 36Page - Microchip Technology HCS473SLROM Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 31
HCS473
Table 7-5 timing values are compensated only for
HCS473 internal filter delays. The transponder reader
designer must compensate communication timing
accordingly for the cumulative antenna delays.
Use LF Demodulator mode to see the effects of the
internal filters and the LC antennae, Section 3.2.1.2.
It must be clearly understood that the HCS473 core
does not see the LF field immediately upon the base
station turning it on, nor does it immediately detect its
removal. If the internal analog delay and cumulative
antenna delays are greater than a given low time, the
HCS473 will obviously never “see” the low.
FIGURE 3-19:
LF ACK RESPONSE ADJUSTMENTS (LFRSP=1)
TAOACK
Command
CRC
Transport ACK
TTPACK
Inductive
(LC Pins)
RF Response
(DATA Pin)
TCMD
Present Transport Code Sequence
Inductive
(LC Pins)
Address
Command
CRC
TWRT
Write ACK
16-Bit
Write Data
RF Response
(DATA Pin)
TCMD
Write Sequence
Command
CRC
ACOL Off ACK
Inductive
(LC Pins)
RF Response
(DATA Pin)
TCMD
32-Bit
Transport
Anticollision Off Sequence
TFINH
TFINH
TFINH
Next
Command
TCMD
Next
Command
TCMD
Next
Command
TCMD
5 LFTE
5 LFTE
5 LFTE
TCMD
TCMD
TCMD
Simultaneous
LF ACK
Simultaneous
LF ACK
Simultaneous
LF ACK
Transponder Select Sequence
Command
TID=0
12-Bit
VID
Transponder Select ACK
TID=1
TID=2
6 LFTE
TTSCMD
Next
Command
TTSACK
Inductive
(LC Pins)
RF Response
(DATA Pin)
TCMD
Simultaneous
LF ACK
5 LFTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com