| Electronic Components Datasheet Search |
|
HCS473SLROM Datasheet(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473SLROM Datasheet(HTML) 30 Page - Microchip Technology |
|
30 / 68 page ![]() HCS473 DS40035C-page 28 Preliminary 2002 Microchip Technology Inc. 3.2.3.5 WRITE Command The transponder reader follows the 3-bit WRITE com- mand with one of eight possible 3-bit address options indicating which 16-bit EEPROM word to write to (Table 3-5) and a 2-bit CRC calculated over the com- mand, address and data bits. The HCS473 will attempt to write the value into EEPROM, responding with an Acknowledge sequence if successful (Figure 3-15). The following locations are available to write: • The 64-bit general purpose user EEPROM. • The 32-bit serial number. • The16-bit Device Identifiers #1 and #2. A Transport Code, write access password, protects the memory locations from undesired modification. The reader must precede the Write sequence with a suc- cessful PRESENT TRANSPORT CODE sequence. Only a correct match with the transport code pro- grammed during production will allow write access to the memory locations. The next command must begin T CMD after the write Acknowledge. The PRESENT TRANSPORT CODE sequence must precede a WRITE sequence but not necessarily imme- diately. Perhaps all four user memory locations will be written and verified. The PRESENT TRANSPORT CODE sequence must precede only the first write. The system may then alternately write and read (verify) multiple memory locations. Write access status remains until the next time the device returns to sleep - communication error or T CMD without receiving another command. FIGURE 3-16: WRITE SEQUENCE (RF RESPONSE EXAMPLE) TCMD Next Command TCMD Inductive In (LC Pins) CMD ADR DATA T CMD ‘1012’ 3 bits 16 bits ACK CRC 2 bits T WRT Address Command CRC TFINH TWRT Write ACK 16-Bit Write Data Optional Next Command T CMD TCMD RF Response (DATA Pin) TCMD LF must remain on if following with consecutive command or if waiting for LF response 5 LFTE Sequence Previous Command Sequence Previous Command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |