Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP064A-RLLA1 Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RLLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RLLA1 Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RLLA1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 24Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
20
Rev. A
11/06/2015
Table 6.10 Read Dummy Cycles vs Max Frequency
Read Modes
P4,P3 = 00
(Default)
P4,P3 = 01
P4,P3 = 10
P4,P3 = 11
Remark
Mode
Normal Read
03h
0
0
0
0
Max. 50MHz
SPI
Fast Read
(2)
0Bh
8
8
8
8
Max. 133MHz
(1)
SPI
6
(104MHz)
4
(84MHz)
8
(1)
(133MHz)
10
(1)
(133MHz)
QPI
Fast Read DTR
0Dh
4
4
4
4
Max.66MHz
SPI
3
(51MHz)
2
(38MHz)
4
(64MHz)
5
(66MHz)
QPI
Fast Read Dual Output
3Bh
8
8
8
8
Max. 133MHz
(1)
SPI
Fast Read Dual IO
BBh
4
(104MHz)
4
(104MHz)
8
(1)
(133MHz)
8
(1)
(133MHz)
SPI
Fast Read Dual IO DTR
BDh
2
(52MHz)
2
(52MHz)
4
(66MHz)
4
(66MHz)
SPI
Fast Read Quad Output
6Bh
8
8
8
8
Max. 133MHz
(1)
SPI
Fast Read Quad IO
EBh
6
(104MHz)
4
(84MHz)
8
(1)
(133MHz)
10
(1)
(133MHz)
SPI , QPI
Fast Read Quad IO DTR
EDh
3
(51MHz)
2
(38MHz)
4
(64MHz)
5
(66MHz)
SPI , QPI
Notes:
1. Max frequency is 133 MHz at Vcc=2.7V~3.6V and 104MHz at Vcc=2.3V~3.6V.
2. RDUID, RDSFDP, IRRD instructions are also applied.
3. Dummy cycles in the table are including Mode bit cycles.
4. Must satisfy bus I/O contention. For instance, if the number of dummy cycles and AX bit cycles are same, then X
must be Hi-Z.
Table 6.11 Driver Strength Table
ODS2
ODS1
ODS0
Description
Remark
0
0
0
Reserved
0
0
1
12.50%
0
1
0
25%
0
1
1
37.50%
1
0
0
Reserved
1
0
1
75%
1
1
0
100%
1
1
1
50%
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com