Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP064A-RLLA1 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RLLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RLLA1 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RLLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
11
Rev. A
11/06/2015
3. BLOCK DIAGRAM
Note1: For RESET# (IO3) pin option instead of HOLD# (IO3) pin, call Factory. In case of device with dedicated
RESET# function, RESET# is on pin3/ball A4. See the Ordering Information for the dedicated RESET# option.
Control Logic
High Voltage Generator
I/O Buffers and
Data Latches
256 Bytes
Page Buffer
Y-Decoder
Status
Register
Address Latch &
Counter
Memory Array
CE#
SCK
WP#
(IO2)
SI
(IO0)
SO
(IO1)
HOLD# or RESET#
(IO3)
WP# (IO2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com