Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP064A-RLLA1 Datasheet(PDF) 19 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RLLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RLLA1 Datasheet(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RLLA1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP064A-RLLA1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
19
Rev. A
11/06/2015
6.3 READ REGISTER
Read Register format and Bit definitions pertaining to QPI mode are described below.
READ PARAMETER BITS
Table 6.7 defines all bits that control features in SPI/QPI modes. The ODS2, ODS1, ODS0 (P7, P6, P5) bits
provide a method to set and control driver strength. The Dummy Cycle bits (P4, P3) define how many dummy
cycles are used during various READ modes. The wrap selection bits (P2, P1, P0) define burst length with wrap
around.
The SET READ PARAMETERS Operation (SRP, C0h) is used to set all the Read Register bits, and can thereby
define the output driver strength, number of dummy cycles used during READ modes, burst length with wrap
around.
Table 6.7 Read Parameter Table
P7
P6
P5
P4
P3
P2
P1
P0
ODS2
ODS1
ODS0
Dummy
Cycles
Dummy
Cycles
Wrap
Enable
Burst
Length
Burst
Length
Default (Volatile)
1
1
1
0
0
0
0
0
Table 6.8 Burst Length Data
P1
P0
8 bytes
0
0
16 bytes
0
1
32 bytes
1
0
64 bytes
1
1
Table 6.9 Wrap Function
Wrap around boundary
P2
Whole array regardless of P1 and P0 value
0
Burst Length set by P1 and P0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com