Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # GPS50M
Description  Sure Cross짰 Temperature and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 3 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Supply Voltage
3.6 t o 5.5 V dc
Current
Default sensing: 28 µAmps
Disabled sensing: 15 µAmps
Active comms: 4.7 mA
Mounting Threads
M 12 × 1
Indicators
Green
flashing: Power ON
Red
flicker: Serial Tx
Communication Hardware
Int erface: 1-w ire serial int erface
Baud rat es: 9.6k, 19.2k (default ), or 38.4k
Dat a format : 8 dat a bit s, no parit y (default ), 1 st op bit (even or odd parit y
available)
Communication Protocol
Sure Cross DX80 Sensor Node 1-Wire Serial Int erface
Communications Line
Level Receive ON: Great er t han 2 V
Level Receive OFF: Less t han 0.7 V
Level Transmit ON: 2.7 t o 3 V
Level Transmit OFF: 0 V (pulldow n resist or of 10 kOhm
Compatible Nodes
900 M Hz M odels
DX80N9X1S-P6
DX80N9X6S-P6
DX80DR9M -H6 and -H6L
DX80N9Q45TH
2.4 GHz M odels
DX80N2X1S-P6
DX80N2X6S-P6
DX80DR2M -H6 and -H6L
DX80N2Q45TH
Humidity
Humidit y measurement s are only available w it h t he M 12FTH4Q model. The
M 12FT4Q model does not include t he humidit y sensor.
M easuring Range: 0 t o 100%
relative humidity
Resolution: 0.1% relative humidity
Accuracy:
25 °C: ±2%
0 °C t o 70°C and 10–90%: ±3%
0 °C t o 70°C and 0–10 % or 90–100 %: ± 7%
Temperature
M easuring Range: –40 °C t o +85 °C (–40 °F t o +185 °F)
Resolution: 0.1 °C
Accuracy
–40 °C t o 0 °C: ± 0.6 °C
0 °C t o 60 °C: ± 0.4 °C
+60 °C t o +85°C: ± 1.2 °C
Environmental
Rating
IEC IP67; NEM A 6
Operating Temperature
–40 °C t o +85 °C (–40 °F t o +185 °F) 2
Shock and
Vibration
IEC 68-2-6 and IEC 68-2-27
Shock: 30g, 11 millisecond half sine w ave, 18 shocks
Vibration: 0.5 mm p-p, 10 to 60 Hz
Certifications
CSA: Class I, Division 2, Groups A, B, C, D —
Certificate 1921239
Refer t o t he Class I Division 2 cont rol draw ings (p/ n
143086) for w iring
specifications or limitations. All battery-powered devices must only use the
lit hium
battery manufactured by Xeno, model XL-205F.
Accessories
Temperature-Humidity Filter Caps
FTH-FIL-001
•
Aluminum grill
filter cap
(fact ory default , ships w it h
M 12FT* Q sensors)
FTH-FIL-002
•
St ainless st eel, sint ered t o
10 micromet er porosit y (for
high dust environment s.)
Euro-Style Cordsets - Double Ended
When using t he FlexPow er Node w it h int egrat ed
battery, use a double ended cordset. When using a FlexPower Node with external
pow er supply, use a single ended cordset . If using the
communication lines, the cable length cannot exceed 3 meters (10 ft).
2
Operating the devices at the maximum operating conditions for extended periods can shorten the life of the device.
Sure Cross® Temperat ure and Humidit y Sensor
P/ N 162669 Rev. G
w w w .bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com