Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # GPS50M
Description  Sure Cross짰 Temperature and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
The Sure Cross® Temperat ure and Temperat ure/ Humidit y Sensor w orks in a variet y of environment s t o provide t emperat ure and
humidit y measurement s.
•
M anufact ured w it h a robust met al housing
•
Connect s via a 1-w ire serial int erface
•
Designed t o w ork w it h
FlexPow er 1-Wire Serial Int erface Node models DX80N9X1S-P6 and DX80N2X1S-P6,
t he 10 t o 30 V dc pow ered 1-Wire Serial Int erface Node models DX80N9X6S-P6 and DX80N2X6S-P6,
MultiHop M-H6 and M-H6L radios, and the Wireless Q45 Sensor Nodes DX80N2Q45TH and DX80N9Q45TH
•
Ships w it h aluminum grill
filter cap; optional stainless steel 10 micrometer sintered filter available separately
W ARNING: Not To Be Used for Personnel
Protection
Never use this device as a sensing device for personnel
protection. Doing so could lead to
serious injury or death.
This device does not include t he self-checking redundant circuit ry
necessary t o allow it s use in personnel safet y
applications. A sensor failure or malfunction can
cause eit her an energized or de-energized sensor out put
condition.
For
additional information, updated documentation, and a list of accessories, refer to Banner Engineering's website,
www.bannerengineering.com/ wireless.
Configure this sensor using the Sensor Configuration Tool and adapter cable BWA-USB1WIRE-001 (datasheet
170020).
Banner Humidit y Sensor
Calibration Statement. This calibration statement (also available online) lists the chain with which the
calibration of Banner humidity sensors is traceable to NIST standards. A Certificate of Factory Calibration ships with every temperature/
humidit y or t emperat ure sensor. Alt hough your
certificate will be specific to your product, a sample certificate is available for download.
M odels
M odel
Pow er Requirements
I/ O
M 12FTH4Q
3.6 t o 5.5 V dc
Temperat ure and
relative humidity via a 1-wire serial interface
M 12FT4Q
Temperat ure via a 1-w ire serial int erface
Sensor
Configuration Tool
The Sensor
Configuration Tool offers an easy way to manage sensor parameters, retrieve data, and visually show sensor data from a
number of
different sensors. The Sensor Configuration Tool software runs on any Windows machine and uses an adapter cable to
connect t he sensor t o your comput er.
Dow nload t he most recent version of t he Sensor
Configuration Tool from Banner Engineering's website: www.bannerengineering.com/
wireless. The Sensor
Configuration Tool currently supports the following sensors:
Sensor Type
M odel
USB Adapter Cable
Temperat ure and Humidit y
M 12FTH3Q and M 12FT3Q
M odel BWA-HW-006: USB-t o-RS-485 adapt er cable
M 12FTH4Q and M 12FT4Q
M odel BWA-USB1WIRE-001: USB-t o-RS-232 1-Wire adapt er cable
Vibration and Temperature
QM 42VT1
M odel BWA-USB1WIRE-001: USB-t o-RS-232 1-Wire adapt er cable
QM 42VT2
M odel BWA-HW-006: USB-t o-RS-485 adapt er cable
GPS
GPS50M
M odel BWA-HW-006: USB-t o-RS-485 adapt er cable AND a
field-wireable M12/ Euro-style connector or
connect er w it h pigt ail
U-GAGE K50U Ult rasonic
K50UX1RA
M odel BWA-USB1WIRE-001: USB-t o-RS-232 1-Wire adapt er cable
K50UX2RA
M odel BWA-HW-006: USB-t o-RS-485 adapt er cable
Launch t he Sensor
Configuration Tool and from the drop-down list, select your sensor type and click OK.
Sure Cross® Temperature and Humidity Sensor
Original Document
162669 Rev. G
16 November 2017
162669


Similar Part No. - GPS50M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
GPS50M BANNER-GPS50M Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
More results

Similar Description - GPS50M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Banner Engineering Corp...
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com