Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPS50M Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # GPS50M
Description  Sure Cross짰 Temperature and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

GPS50M Datasheet(HTML) 4 Page - Banner Engineering Corp.

  GPS50M Datasheet HTML 1Page - Banner Engineering Corp. GPS50M Datasheet HTML 2Page - Banner Engineering Corp. GPS50M Datasheet HTML 3Page - Banner Engineering Corp. GPS50M Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-Pin Threaded M 12/ Euro-Style Cordsets—Double Ended and Less Than 3 m Long
M odel
Length
Style
Dimensions
Pinout
DEE2R-51D
0.31 m (1
ft)
Female St raight /
M ale St raight
40 Typ.
ø 14.5
M12 x 1
44 Typ.
ø 14.5
M12 x 1
M ale
1
4
5
3
2
Female
2
3
4
1
5
1 = Brow n
2 = Whit e
3 = Blue
4 = Black
5 = Green/ Yellow
DEE2R-53D
0.91 m (3
ft)
DEE2R-58D
2.44 m (8
ft)
Banner Engineering Corp. Limited W arranty
Banner Engineering Corp. w arrant s it s product s t o be free from defect s in mat erial and w orkmanship for one year follow ing t he dat e of shipment . Banner Engineering Corp. w ill repair or
replace, free of charge, any product of it s manufact ure w hich, at t he
time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover
damage or liabilit y for misuse, abuse, or t he improper
application or installation of the Banner product.
THIS LIM ITED W ARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER W ARRANTIES W HETHER EXPRESS OR IM PLIED (INCLUDING, W ITHOUT LIM ITATION, ANY W ARRANTY OF
M ERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND W HETHER ARISING UNDER COURSE OF PERFORM ANCE, COURSE OF DEALING OR TRADE USAGE.
This Warrant y is exclusive and limit ed t o repair or, at t he
discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALLBANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY
OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAM AGES RESULTING FROM ANY PRODUCT
DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, W HETHER ARISING IN CONTRACT OR W ARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERW ISE.
Banner Engineering Corp. reserves t he right t o change, modify or improve t he design of t he product w it hout assuming any
obligations or liabilities relating to any product previously
manufact ured by Banner Engineering Corp. Any misuse, abuse, or improper
application or installation of this product or use of the product for personal protection applications when the
product is
identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the
product
warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time.
Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
Sure Cross® Temperat ure and Humidit y Sensor
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com