Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7697D Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 26Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 27Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 29Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 30Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 27 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.4.8
Efuse
MT7697D uses embedded Efuse to store device specific configuration information such as MAC
addresses, and power control settings.
The major fields defined in the Efuse:
Wi-Fi MAC addresses
Wi-Fi country code
Wi-Fi TSSI parameters, TX power level
Wi-Fi NIC configuration: RF front-end configuration, LED mode, baseband configuration
Bluetooth MAC address
Bluetooth TX power level.
2.4.9
Interrupt Controller
MT7697D integrates the Nested Vectored Interrupt Controller (NVIC) for Cortex-M4. The NVIC
supports
Level and pulse detection of interrupt signals
Configurable priority
Wake-up interrupt controller (WIC) providing ultra-low power sleep mode support
2.4.9.1
Interrupt Sources
The table below listed the NVIC and WIC interrupt sources. In total, there are 49 NVICs, while 23 of
them are external interrupts multiplexed with GPIO functions.
The power domain/subsystem lists the power domain and the subsystem from which the interrupt is
generated.
Table 2-13. CM4 NVIC Interrupt Source
NVIC
No.
Interrupt
source
Power domain
/subsystem
External
interrupt
Wake-up
capability
(1)
De-bounce
Description
INT0
UART1
CM4_OFF/MCUSYS_CM4
UART 1
INT1
DMA_CM4
CM4_OFF/MCUSYS_CM4
Generic DMA in CM4 subsystem
INT2
HIF_CM4
TOP_AON/HIFSYS
V
Wi-Fi host interface for CM4
INT3
I2C1
CM4_OFF/MCUSYS_CM4
I2C 1
INT4
I2C2
CM4_OFF/MCUSYS_CM4
I2C 2
INT5
UART2
CM4_OFF/MCUSYS_CM4
UART 2
INT6
CRYPTO
CM4_OFF/MCUSYS_CM4
Crypto engine
INT7
SF
CM4_OFF/MCUSYS_CM4
Serial flash controller, for debug
INT8
BTIF_N9_WA
KE
TOP_OFF(N9)/MCUSYS_N
9
V
Bluetooth interface in N9
subsystem to
wake up CM4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com