Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7697D Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 22 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
The cache controller provides the user ways to perform cache operations including invalidate
single/all cache lines as well as flush one/all cache lines.
To facilitate tuning the system performance, the cache controller can record the statistics of the
cache hit count and the number of cacheable memory access. Cache hit rate can be obtained by
dividing the cache hit count by the number of memory access.
2.4.3
Bus Fabric
MT7697D implements AHB/APB bus fabric to connect the MCU, memory, IO peripherals, and the
radio subsystem.
ILM/DLM: Instruction Local Memory / Data Local Memory, the zero-wait-state local
memory for Radio MCU.
Wi-Fi HIF: The data interface to Wi-Fi Packet switch engine.
BT FIFO I/F: The control/data interface to Bluetooth subsystem.
ARM Cortex M4
Cache
Controller
TCM/Cache
(96KB)
CM4 AHB bus
Generic DMA
SPI flash
APB
bridge
APB2 bus
Wi-Fi HIF
UART1
UART2
I2C-1
I2C-2
SPI-M
I2S
BT FIFO
I/F
AUX
ADC
TOP &
CM4
CONFIG
GPT
WDT
N9
Interface to radio subsystem
Indium peripherals
APB
bridge
SYSRAM_
CM4
(256KB)
APB1 bus
ILM/DLM
PWM
XIP
AHB mux
ICODE
DCODE
SYSTEM
Asyncrhrous AHB-2-
AHB bridge
(N9 bus to CM4 bus)
Asyncrhrous AHB-2-
AHB bridge
(CM4 bus to N9 bus)
APB
bridge
APB0 bus
TCM ROM
N9 AHB bus
GDMA
CONFIG
Crypto
Engine
Figure 2-6. CM4 Subsystem – Bus Fabric
The AHB bus arbitration adopts round-robin scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com