Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7697D Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MT7697D
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697D Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MT7697D Datasheet HTML 12Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697D Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 16 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
MCU mode
Description
Wake-up time
Power
wake-up. MCU is configured to wake up on the expiry of the
internal timer, external wake-up events, or the wake-up events
from Wi-Fi radio or Bluetooth ratio.
The typical scenarios which N9 operates in and the power state transition are summarized in the
following table.
Table 2-4. Power State Transition Scenarios for N9
Scenario
Description
State transition
1
All functions are idle and the N9 firmware triggers to enter the
sleep mode.
Active à Standby à Sleep
2
Wi-Fi DTIM timer is expired and the hardware wakes up to listen
to beacon and then goes to sleep again when It is not necessary
to wake up N9 to process the data.
Sleep à MCU idle (Wi-Fi ON) à
sleep
3
Wi-Fi DTIM timer is expired and the hardware wakes up to listen
to beacon and then wake up N9 to process the data.
Sleep à MCU idle (Wi-Fi ON) à
Active
The typical scenarios which CM4 operates in and the power state transition are summarized in the
following table.
Table 2-5. Power State Transition Scenarios for CM4
Scenario
Description
State transition
1
All functions are idle and the CM4 firmware triggers to enter the
sleep mode.
Active à Standby à Sleep
2
The wake-up event (wake-up event from N9 or other sources)
triggers CM4 to wake up.
Sleep à Standby à Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com