Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 5 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 5 Page - CUI INC

  VOF-300 Datasheet HTML 1Page - CUI INC VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
cui.com
date 01/31/2018
│ page 5 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
VOF-300 models: 5.00 x 3.00 x 1.38 (127 x 76.2 x 35.1 mm)
VOF-300-CNF models: 5.35 x 3.46 x 1.59 (136 x 88 x 40.4 mm)
inch
inch
weight
VOF-300 models
VOF-300-CNF models
420
550
g
g
cooling
external fan
CN1 input connector
CN1 mates with JST housing VHR series or equivalent
CN1 input connector (optional)
CN1 mates with MOLEX housing 5195 series or equivalent
CN4 output connector
CN4 mates with JST housing PH series or equivalent
CN5 output connector
CN5 mates with JST housing PH series or equivalent
output terminals
+Vo & -Vo terminals are M3 screws that mate with round or Y
terminals with max OD of 6.75 mm and max ID of 3.9 mm
MECHANICAL DRAWING
CN1
PIN
Function
1
ACL
2
-
3
ACN
CN4
PIN
Function
1
-FAN
2
+FAN
3
GND
4
+5 VSB
5
GND
6
PS-ON
CN5
PIN
Function
1
GND
2
PG
3
-Sense
4
+Sense
1
ACL
ACN
+Vo
10CFM
Air flow
direction
FAN
CN1
4.551 [115.60]
5.000 [127.00]
0.224 [5.70]
2
3
-Vo
CN5
4
3
2
1
4-M4*0.7
1
CN5
4
2
3
cross sectional view A
Scale 1:1
1
2
3
4
5
6
CN4
VR
Open-frame
units: inch [mm]
tolerance: X.XXX = ±0.020 [±0.50]
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com