Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 4 Page - CUI INC

  VOF-300 Datasheet HTML 1Page - CUI INC VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 01/31/2018
│ page 4 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
DERATING CURVES (CONTINUED)
VOF-300-CNF Output Power vs. Ambient Temperature
(with 10 CFM airflow)
Ambient Temperature (°C)
-40
60
80
100
40
20
-30
010406080
-20 -10
20 30
50
70
VOF-300-CNF Output Power vs. Ambient Temperature
(Natural Convection)
Ambient Temperature (°C)
-40
150
200
250
100
50
-30
010406080
-20 -10
20 30
50
70
300
Input voltage 220~264 Vac
Input voltage 100~200 Vac
VOF-300 Output Power vs. Ambient Temperature
(with 10 CFM airflow)
Ambient Temperature (°C)
-40
60
80
100
40
20
-30
010406080
-20 -10
20 30
50
70
VOF-300 Output Power vs. Ambient Temperature
(Natural Convention)
Ambient Temperature (°C)
-40
150
200
250
100
50
-30
010406080
-20 -10
20 30
50
70
300
Input voltage 220~264 Vac
Input voltage 90~200 Vac
EFFICIENCY CURVES
12 Vdc Output Efficiency Curve
(at 25°C)
24 Vdc Output Efficiency Curve
(at 25°C)
36 Vdc Output Efficiency Curve
(at 25°C)
48 Vdc Output Efficiency Curve
(at 25°C)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com