Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-300 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-300
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-300 Datasheet(HTML) 3 Page - CUI INC

  VOF-300 Datasheet HTML 1Page - CUI INC VOF-300 Datasheet HTML 2Page - CUI INC VOF-300 Datasheet HTML 3Page - CUI INC VOF-300 Datasheet HTML 4Page - CUI INC VOF-300 Datasheet HTML 5Page - CUI INC VOF-300 Datasheet HTML 6Page - CUI INC VOF-300 Datasheet HTML 7Page - CUI INC VOF-300 Datasheet HTML 8Page - CUI INC VOF-300 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
date 01/31/2018
│ page 3 of 10
CUI Inc
│ SERIES: VOF-300 │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
input to earth for 1 minute
output to earth for 1 minute
3,000
1,500
500
Vac
Vac
Vac
isolation resistance
100
MΩ
safety approvals
IEC60950-1, EN60950-1, UL60950-1 (2nd edition)
safety class
class I
conducted emissions
EN55032:2012+AC:2013, EN55022:2010+AC:2011, Class B , FCC CFR 47 Part 15 Subpart B
radiated emissions
EN55032:2012+AC:2013, EN55022:2010+AC:2011, Class B , FCC CFR 47 Part 15 Subpart B
harmonic current emissions
IEC 61000-3-2:2014, Class C & D
voltage fluctuations & flicker
IEC 61000-3-3:2013
ESD
IEC 61000-4-2:2008, ±2kV, ±4kV, Class A
radio-frequency, Continuous
radiated disturbance
IEC 61000-4-3:2010, Class A
EFT/burst
IEC 61000-4-4:2012, ±0.5kV, ±1kV, ±2kV, Class A
surge
IEC 61000-4-5:2005, L-N: ±0.5kV, ±1kV, L-PE, N-PE: ±0.5kV, ±1kV, ±2kV, Class A
conducted immunity
IEC 61000-4-6:2013, Class A
power frequency magnetic field
IEC 61000-4-8:2009, Class A
voltage dips
IEC 61000-4-11:2004, Dip: 30% reduction, Dip: 70% reduction, Class A
voltage interruptions
IEC 61000-4-11:2004, >95% reduction, Class B
MTBF
as per MIL-HDBK-217F, at 115 Vac, 25°C, GB
160,000
hours
RoHS
2011/65/EU
Notes:
1. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
80
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
93
%
operating altitude
5000
m
vibration2
as per MIL-STD-810F Table 514.5C-VIII; 15~2000
Hz for 1 hour on each axis for 3 hours
4
G
shock2
as per MIL-STD-810F Table 516.5, Table 516.5-1;
for 10 ms on each axis 3 times
75
G
Notes:
2. See Installation Instructions for mounting requirements.
DERATING CURVES
VOF-300 Output Power vs. Input Voltage
(Natural Convection)
Input Voltage (Vac)
90
150
200
250
100
50
110
130
150
170
190
210
230
250
300
264
VOF-300-CNF Output Power vs. Input Voltage
(Natural Convection)
Input Voltage (Vac)
90
150
200
250
100
50
110
130
150
170
190
210
230
250
300
264
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com