| Electronic Components Datasheet Search |
|
NCV7728DPAR2G Datasheet(PDF) 25 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCV7728DPAR2G Datasheet(HTML) 25 Page - ON Semiconductor |
|
25 / 27 page ![]() NCV7728 www.onsemi.com 25 Fault Handling At an event of a driver latched off fault, the offending half−bridge driver is disabled and the half−bridge configuration is defaulted to zero (HBENx =0, HBCNFx = 0). The user is required to clear the output register fault and to resend the proper SPI frame to turn on the drivers. A driver that is locked out during a fault conditions auto recovers to the previous programmed state when the fault is resolved. A latched fault flag on the serial output doesn’t always translate an output latched off fault. The summary of all fault conditions, the driver status and the clear requirements are provided in Table 5. Table 5. FAULT SUMMARY Fault Fault Memory Serial Output Bit Driver Condition During Fault Driver Condition after Parameters Within Specified Limits Output Register Clear Requirement Under Load (ULDSC = 0) Latched Outputs Unchanged. Allowed to turn/ remain on Allowed to turn/remain on Valid SPI frame with SRR set to 1 Under Load (ULDSC = 1) Latched (Note 6) Offending Half−Bridge is Latched Off (LS and HS) Offending Half−Bridge is Latched Off (LS and HS) Valid SPI frame with SRR set to 1 Over Current Latched (Note 6) Offending Output is Latched Off (LS and HS) Offending Output is Latched Off (LS and HS) Valid SPI frame with SRR set to 1 Thermal Warning Non−Latched Outputs Unchanged. Allowed to turn/ remain on provided that device is not in thermal shutdown Allowed to turn/remain on Temp below (thermal warning temp – hysteresis) Thermal Shutdown Latched (Note 6) Offending Half−Bridge Drivers are Latched Off (LS and HS) Offending Half−Bridge is Latched Off (LS and HS) Valid SPI frame with SRR set to 1. Temperature blow (thermal shutdown − hysteresis) VS Power Supply Fail (Over−Voltage: OVLO = 0) Non−Latched Outputs Unchanged. Allowed to turn/ remain on Allowed to turn/remain on VS below (Over Voltage Threshold – hysteresis) VS Power Supply Fail (Over−Voltage: OVLO = 1) Non−Latched All Drivers are Locked Out. Outx ³ High Z Previous Half−Bridge status and driver configuration is maintained. Allowed to turn/remain on Auto Recovers if the VS voltage is below overvoltage threshold VS Power Supply Fail (Under Voltage) Non−Latched All Drivers are Locked Out. Outx ³ High Z Previous Half−Bridge status and driver configuration is maintained. Allowed to turn/remain on Auto Recovers if the VS voltage is above the Under Voltage threshold 6. Latched conditions are cleared via the SPI SRR input bit = 1, by cycling the EN pin or with a power−on reset of VCC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |