Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7728DPAR2G Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 16Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 17Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 18Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 22Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 23Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
NCV7728
www.onsemi.com
20
DEVICE PROTECTION, DIAGNOSTICS AND FAULT REPORTING
Power Up/Down Control
Each analog power pin (VS1 or VS2) powers their
respective output drivers. After a device has powered up and
the output drivers are allowed to turn on, the output drivers
will not turn off until the voltage on the supply pins is
reduced below the initial under voltage threshold, exceeds
the over voltage threshold or if shut down by either a SPI
command or a fault condition.
Internal power−up circuitry on the logic supply pin
supports a smooth turn on transition. VCC power up resets
the internal logic such that all output drivers will be off as
power is applied. All the internal counters, SI and SO along
with all the digital registers will be cleared on VCC POR.
Exceeding the under voltage lockout threshold on VCC
allows information to be input through the SPI port for turn
on control. Logic information remains intact over the entire
VS1 and VS2 voltage range.
Under Voltage Shutdown
An under voltage lockout circuit prevents the output
drivers from turning on unintentionally. This control is
provided by monitoring the voltages on the VS1, VS2 and
VCC pins. A built−in hysteresis on the under voltage
threshold is included to prevent an unknown region on the
power pins; VCC, VS1 and VS2. When the VCC goes below
the threshold, all outputs are turned off and the input and
output registers are cleared.
An under voltage condition on the VSx pins will result in
shutting off all the drivers and the status bit 14 (PSF) will be
set. The SPI port remains active during a VSx under−voltage
if proper VCC voltage is supplied. Also all driver states will
be maintained in the logic circuitry with the valid VCC
voltage. Once the input voltage VSx is above the under
voltage threshold level the drivers will return to
programmed operation and the PSF output register bit is
cleared.
Under−voltage timing diagram is provided in Figure 21.
Figure 21. Under−Voltage Timing Diagram
OUTx
LS
?
OUTx
LS
?
X
No
Fault
OUTx
LS
PSF
ALL
Z
OUTx
LS
No
Fault
³0x00
ALL
Z
VSx
Vcc
?
OUTx
HS
OUTx
HS
VSUV
VccUV
No Fault
PSF
No
Fault
0x00
OUTx VS
No
Fault
OUTx
HS
No
Fault
t
OUTx GND
OUTx GND
SI
Status
Output
State
SO
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com