Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7728DPAR2G Datasheet(PDF) 18 Page - ON Semiconductor

Part # NCV7728DPAR2G
Description  Hex Half-Bridge Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7728DPAR2G Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCV7728DPAR2G Datasheet HTML 14Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 15Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 16Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 17Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 18Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 19Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 20Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 21Page - ON Semiconductor NCV7728DPAR2G Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
NCV7728
www.onsemi.com
18
MCU
NCV7728
16 Bit SPI
CSB
SCLK
MO
CSB
SCLK
SI
MI
SO
n*8 Bit SPI Device
(ie n=2; 16 bits)
CSB
SCLK
SI
SO
Device1
Device2
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
8 bits
Command Bits for the Device 2
Previous Diagnostic Bits from Device2
Command Bits for Device 1
Previous Diagnostic Bits From Device1
Figure 16. Serial Daisy Chain
If Device 2 is a 16 bit IC, then a total of 32 bits must be
generated from the MCU for a complete transport of data in
the system. Monitoring of all the devices in the serial chain
must be employed on a system level architecture. Thus,
pre−cautious measure should be taken to avoid situations
where not enough frames were sent to the devices, but the
frames transmitted did not violate the internal frame
detection counters. For these scenarios, invalid data is
accepted by NCV7728 and possibly by other devices on the
chain depending on their frame detection design. The data
shifted in will be transferred to the data registers of the
devices on the beginning of the chain and the devices at the
end of the chain will get the previous diagnostic data of the
preceding devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com