Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST10F166 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 40Page - STMicroelectronics ST10F166 Datasheet HTML 41Page - STMicroelectronics ST10F166 Datasheet HTML 42Page - STMicroelectronics ST10F166 Datasheet HTML 43Page - STMicroelectronics ST10F166 Datasheet HTML 44Page - STMicroelectronics ST10F166 Datasheet HTML 45Page - STMicroelectronics ST10F166 Datasheet HTML 46Page - STMicroelectronics ST10F166 Datasheet HTML 47Page - STMicroelectronics ST10F166 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
44/62
ST10F166
AC Characteristics (Cont’d)
External Clock Drive XTAL1 for the ST10F166-16
V
CC =5 V
± 10 %;V
SS =0V
T
A = 0 to +70
°C
Note: In order to run the ST10F166-16 at a CPU clock of 20 MHz the duty cycle of the oscillator clock must
be 0.5, ie. the relation between the oscillator high and low phases must be 1:1. So the variation of the
duty cycle of the oscillator clock limits the maximum operating speed of the device.
The 16 MHz values in the tables are given as an example for a typical duty cycle variation of the
oscillator clock from 0.4 to 0.6.
Figure 14. External Clock Drive XTAL1
Parameter
Symbol
CPU Clock = 16 MHz
Duty cycle 0.4 to 0.6
Variable CPU Clock
1/CLP = 1 to 20 MHz
Unit
min.
max.
min.
max.
Oscillator period
CLP
SR
62.5
62.5
50
1000
ns
High time
TCL
H
SR
25
–
25
CLP-TCL
L
ns
Low time
TCL
L
SR
25
–
25
CLP-TCL
H
ns
Rise time
t
R
SR
–
10
–
10
ns
Fall time
t
F
SR
–
10
–
10
ns
Oscillator duty cycle
DC
SR
0.4
0.6
25 / CLP
1 - 25 / CLP
Clock cycle
TCL
SR
25
37.5
CLP * DCmin
CLP * DCmax
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com