Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST10F166 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 39Page - STMicroelectronics ST10F166 Datasheet HTML 40Page - STMicroelectronics ST10F166 Datasheet HTML 41Page - STMicroelectronics ST10F166 Datasheet HTML 42Page - STMicroelectronics ST10F166 Datasheet HTML 43Page - STMicroelectronics ST10F166 Datasheet HTML 44Page - STMicroelectronics ST10F166 Datasheet HTML 45Page - STMicroelectronics ST10F166 Datasheet HTML 46Page - STMicroelectronics ST10F166 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
ST10F166
43/62
18.7 AC Characteristics
The specification of the timings depends on the CPU clock signal that is used in the
respective device. In this regard the specification for the ST10F166 and the
ST10F166-16 are different. While the ST10F166-16 directly uses the clock signal fed
to XTAL1 and therefore has to take into account the duty cycle variation of this signal,
the ST10F166 derives its CPU clock from the XTAL1 signal via a 2:1 prescaler and
therefore is independant from these variations.
For these reasons the following pages provide the timing specifications for ST10F166
and for ST10F166-16 separately (where applicable).
External Clock Drive XTAL1 for the ST10F166
V
CC =5 V ± 10 %;
V
SS =0V
T
A = 0 to +70
°C
Figure 13. External Clock Drive XTAL1
Parameter
Symbol
Max. CPU Clock
=20 MHz
Variable CPU Clock
1/2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.
Oscillator period
TCL
SR
25
25
25
500
ns
High time
t
1
SR
6
–
6
–
ns
Low time
t
2
SR
6
–
6
–
ns
Rise time
t3
SR
–
5
–
5
ns
Fall time
t
4
SR
–
5
–
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com