Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST10F166 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 35Page - STMicroelectronics ST10F166 Datasheet HTML 36Page - STMicroelectronics ST10F166 Datasheet HTML 37Page - STMicroelectronics ST10F166 Datasheet HTML 38Page - STMicroelectronics ST10F166 Datasheet HTML 39Page - STMicroelectronics ST10F166 Datasheet HTML 40Page - STMicroelectronics ST10F166 Datasheet HTML 41Page - STMicroelectronics ST10F166 Datasheet HTML 42Page - STMicroelectronics ST10F166 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
ST10F166
39/62
Notes:
1) This specification does not apply to the analog input (Port 5.x) which is currently converted.
3) The maximum current may be drawn while the respective signal line remains inactive.
4) The minimum current must be drawn in order to drive the respective signal line active.
5) This specification is only valid during Reset, or during Hold-mode.
6) Not 100% tested, guaranteed by design characterization.
7) The supply current is a function of the operating frequency. This dependency is illustrated in the figure
below.
These parameters are tested at VCCmax and 20 MHz CPU clock with all outputs disconnected and all inputs
at VIL or VIH.
8) This value is guaranteed also after ESD qualification trials at 25 degrees
Pin capacitance 6)
(digital inputs/outputs)
C
IO
CC
10
pF
f= 1 MHz
T
A =25 °C
Power supply current
I
CC
80 +
5* fCPU
mA
RSTIN = V
IL2
fCPU in [MHz]
7)
Idle mode supply current
I
ID
35 +
1.5 * fCPU
mA
RSTIN = V
IH1
fCPU in [MHz]
7)
Power-down mode supply current
I
PD
TBD
TBD
µA–
V
PP read current
6)
I
PPR
–200
µAV
PP >VCC
V
PP write current
6)
I
PPW
–50
mA
1/TCL = 40 MHz
32-bit program-
ming
V
PP =12 V
V
PP during write/read
V
PP
11.4
12.6
V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
DC Characteristics (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com