Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS31256 Datasheet(PDF) 134 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 134 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 130Page - Maxim Integrated Products DS31256 Datasheet HTML 131Page - Maxim Integrated Products DS31256 Datasheet HTML 132Page - Maxim Integrated Products DS31256 Datasheet HTML 133Page - Maxim Integrated Products DS31256 Datasheet HTML 134Page - Maxim Integrated Products DS31256 Datasheet HTML 135Page - Maxim Integrated Products DS31256 Datasheet HTML 136Page - Maxim Integrated Products DS31256 Datasheet HTML 137Page - Maxim Integrated Products DS31256 Datasheet HTML 138Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
134 of 183
10.1.5 PCI Target Retry
Targets can terminate the requested bus transaction before any data is transferred because the target is
busy and temporarily unable to process the transaction. Such a termination is called a target retry and no
data is transferred. A target retry is signaled to the initiator by the assertion of
PSTOP and not asserting
PTRDY on the initial data phase (Figure 10-6). When the DS31256 is a target, it only issues a target
retry when the host is accessing the local bus. This occurs when the local bus is operating in the
arbitration mode. It is busy at the instant the host requests access to the local bus. See Section 11.1 for
more details about the operation of the local bus.
Figure 10-6. PCI Target Retry
10.1.6 PCI Target Disconnect
A target can prematurely terminate a transaction by asserting
PSTOP (Figure 10-7). Depending on the
current state of the ready signals when
PSTOP is asserted, data may or may not be transferred. The target
always deasserts
PSTOP when it detects that the initiator has deasserted PFRAME. When the DS31256
is a target, it disconnects with data after the first data phase is complete, if the master attempts a burst
transaction. This is because the device does not support burst transactions when it is a target. When it is
an initiator and experiences a disconnect from the target, it attempts another bus transaction (if it still has
the bus granted) after waiting either one (disconnect without data) or two clock cycles (disconnect with
data).
Figure 10-7. PCI Target Disconnect
12345678910
PCLK
PFRAME
PSTOP
PDEVSEL
123456
78910
PCLK
PFRAME
PSTOP
PDEVSEL
PTRDY
PIRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com