Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS31256 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 22Page - Maxim Integrated Products DS31256 Datasheet HTML 23Page - Maxim Integrated Products DS31256 Datasheet HTML 24Page - Maxim Integrated Products DS31256 Datasheet HTML 25Page - Maxim Integrated Products DS31256 Datasheet HTML 26Page - Maxim Integrated Products DS31256 Datasheet HTML 27Page - Maxim Integrated Products DS31256 Datasheet HTML 28Page - Maxim Integrated Products DS31256 Datasheet HTML 29Page - Maxim Integrated Products DS31256 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
26 of 183
4. MEMORY MAP
4.1 Introduction
All addresses within the memory map are on dword boundaries, even though all internal device
configuration registers are only one word (16 bits) wide. The memory map consumes an address range of
4kB (12 bits). When the PCI bus is the host (i.e., the local bus is in bridge mode), the actual 32-bit PCI
bus addresses of the internal device configuration registers are obtained by adding the DC base address
value in the PCI device-configuration memory-base address register (Section 10.2) to the offset listed in
Sections 4.1 to 4.10. When an external host is configuring the device through the local bus (i.e., the local
bus is in the configuration mode), the offset is 0h and the host on the local bus uses the 16-bit addresses
listed in Sections 4.2 to 4.10.
Table 4-A. Memory Map Organization
REGISTER
PCI HOST [OFFSET
FROM DC BASE]
LOCAL BUS HOST
(16-BIT ADDRESS)
SECTION
General Configuration Registers
(0x000)
(00xx)
4.2
Receive Port Registers
(0x1xx)
(01xx)
4.3
Transmit Port Registers
(0x2xx)
(02xx)
4.4
Channelized Port Registers
(0x3xx)
(03xx)
4.6
HDLC Registers
(0x4xx)
(04xx)
4.6
BERT Registers
(0x5xx)
(05xx)
4.7
Receive DMA Registers
(0x7xx)
(07xx)
4.8
Transmit DMA Registers
(0x8xx)
(08xx)
4.9
FIFO Registers
(0x9xx)
(09xx)
4.10
PCI Configuration Registers for Function 0
(PIDSEL)
(0Axx)
4.11
PCI Configuration Registers for Function 1
(PIDSEL)
(0Bxx)
4.12
4.2 General Configuration Registers (0xx)
OFFSET/
ADDRESS
NAME
REGISTER
SECTION
0000
MRID
Master Reset and ID Register
5.1
0010
MC
Master Configuration
5.2
0020
SM
Master Status Register
5.3.2
0024
ISM
Interrupt Mask Register for SM
5.3.2
0028
SDMA
Status Register for DMA
5.3.2
002C
ISDMA
Interrupt Mask Register for SDMA
5.3.2
0030
SV54
Status Register for V.54 Loopback Detector
5.3.2
0034
ISV54
Interrupt Mask Register for SV.54
5.3.2
0040
LBBMC
Local Bus Bridge Mode Control Register
11.2
0050
TEST
Test Register
5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com