| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 131 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 131 Page - Maxim Integrated Products |
|
131 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 131 of 183 10.1.1 PCI Read Cycle A read cycle on the PCI bus is shown in Figure 10-2. During clock cycle #1, the initiator asserts the PFRAME signal and drives the address onto the PAD signal lines and the bus command (which would be a read) onto the PCBE signal lines. The target reads the address and bus command and, if the address matches its own, it then asserts the PDEVSEL signal and begins the bus transaction. During clock cycle #2, the initiator stops driving the address onto the PAD signal lines and switches the PCBE signal lines to indicate byte enables. It also asserts the PIRDY signal and begins monitoring the PDEVSEL and PTRDY signals. During clock cycle #4, the target asserts PTRDY, indicating to the initiator that valid data is available to be read on the PAD signal lines by the initiator. During clock cycle #5, the target is not ready to provide data #2 because PTRDY is deasserted. During clock cycle #6, the target again asserts PTRDY, informing the initiator to read data #2. During clock cycle #7, the initiator deasserts PIRDY, indicating to the target that it is not ready to accept data. During clock cycle #8, the initiator asserts PIRDY and acquires data #3. Also during clock cycle #8, the initiator deasserts PFRAME, indicating to the target that the bus transaction is complete and no more data needs to be read. During clock cycle #9, the target deasserts PTRDY and PDEVSEL and the initiator deasserts PIRDY. The PXAS, PXDS, and PXBLAST signals are not part of a standard PCI bus. These PCI extension signals are unique to the device and are useful in adapting the PCI bus to a proprietary bus scheme. They are only asserted when the device is a bus master. Figure 10-2. PCI Bus Read 12345678910 data #3 Address CMD Byte Enable #1 PCLK PFRAME PAD PCBE PIRDY PTRDY PDEVSEL PXDS PXAS PXBLAST data #1 data #2 BE #2 BE #3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |